Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK25 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SK25
Description  SURFACE MOUNT SCHOTTKY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SK25 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SK25 Datasheet HTML 1Page - Diode Semiconductor Korea SK25 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
040
60
20
100
120
140
80
TC=25
.
1
1
.01
Tc=100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.01
0.1
1
10
100
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
0
50
Resistive or inductive Load
P.C.B.MOUNTED ON
0.27''X0.27''(7.0X7.0mm)
COPPERPAND AREAS
2.0
60
70 80
90 100 110 120 130 140 150 160
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
LEAD TEMPERATURE
SK22---SK210
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2-- PEAK FORWARD SURGE CURRENT
0
1
1 0
1 0 0
T L = 100 C
8. 3m s S i ng l e H a l f S i ne- W av e
( J E D E C M e th o d )
25
50
O
1.0
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - SK25

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK25 DIOTEC-SK25 Datasheet
141Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
Pan Jit International I...
SK25 PANJIT-SK25 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Bytesonic Electronics C...
SK25 BYTESONIC-SK25 Datasheet
249Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SK25 DAESAN-SK25 Datasheet
261Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
logo
Gaomi Xinghe Electronic...
SK25 GXELECTRONICS-SK25 Datasheet
354Kb / 2P
   SURFACE MOUNT S CHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK25

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS42L TSC-TSS42L_14 Datasheet
174Kb / 4P
   Surface Mount Schottky
TSS40L TSC-TSS40L_14 Datasheet
175Kb / 4P
   Surface Mount Schottky
TSS70L TSC-TSS70L_14 Datasheet
179Kb / 4P
   Surface Mount Schottky
logo
Diode Semiconductor Kor...
SS22A DSK-SS22A Datasheet
188Kb / 2P
   SURFACE MOUNT SCHOTTKY
SS32A DSK-SS32A Datasheet
298Kb / 2P
   SURFACE MOUNT SCHOTTKY
SK12B DSK-SK12B Datasheet
168Kb / 2P
   SURFACE MOUNT SCHOTTKY
SMS120 DSK-SMS120 Datasheet
220Kb / 2P
   SURFACE MOUNT SCHOTTKY
SK22A DSK-SK22A Datasheet
174Kb / 2P
   SURFACE MOUNT SCHOTTKY
logo
Microdiode Electronics ...
DLSS22 CHENDA-DLSS22 Datasheet
732Kb / 2P
   SURFACE MOUNT SCHOTTKY
logo
Taiwan Semiconductor Co...
TSS54L TSC-TSS54L_14 Datasheet
178Kb / 4P
   Surface Mount Schottky
TSS0340L TSC-TSS0340L_14 Datasheet
175Kb / 4P
   Surface Mount Schottky
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com