Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK23 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SK23
Description  SURFACE MOUNT SCHOTTKY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SK23 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SK23 Datasheet HTML 1Page - Diode Semiconductor Korea SK23 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 . 5± 0.1 5
1.25± 0.2
0.2± 0.05
5 . 3± 0.2
FEATURES
Ratings at 25
oC ambient temperature unless otherwise specified
SK24 SK25
SK26
SK28 SK29 SK210
SK24 SK25
SK26
SK28 SK29 SK210
Maximum repetitive peak reverse voltage
VRRM
40
50
60
80
90
100
V
Maximum RMS voltage
VRMS
28
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
40
50
60
80
90
100
V
Maximum average forward rectified current at
TL=90
IF(AV)
A
Peak forward surge current 8.3ms single half-
sine-wave
IFSM
A
Maximum instantaneous forward voltage
at IFM=2.0A (NOTE1)
VF
V
Maximum DC reverse current
TJ=25
at rated DC blocking voltage
TJ=100
Operating temperature range
TJ
oC
Storage temperature range
TSTG
oC
UNITS
- 55 ---- +150
IR
NOTE: 1.Pulse test: Pulse width 300us,duty cycle 1 %
Maximum thermal resistance
oC/W
- 55 ---- +125
14
REVERSE VOLTAGE:
20 - 100 V
FORWARD CURRENT:
2.0 A
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
Low forward voltage
Schottky barrier rectifier
Guardring protection
20
21
0.50
0.5
20
m A
R JL
17
30
0.70
2.0
0.85
50
20
30
Case: SMB molded plastic body
1111
SK23
SK22
Device marking code
SK22
SK23
Polarity: Color band denotes cathode end
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mounting position: ANY
(DO-214AA)SMB
Weight: 0.003 ounces, 0.093 gram
MECHANICAL DATA
Reverse energy tested
High current capability
Extremely low thermal resistance
SK22---SK210
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SK23

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK23 PANJIT-SK23 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Microdiode Electronics ...
SK23 CHENDA-SK23 Datasheet
500Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SK23 PANJIT-SK23 Datasheet
76Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SK23 DGNJDZ-SK23 Datasheet
133Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Diotec Semiconductor
SK23 DIOTEC-SK23 Datasheet
100Kb / 2P
   Surface Mount Schottky Rectifier Diodes
More results

Similar Description - SK23

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS42L TSC-TSS42L_14 Datasheet
174Kb / 4P
   Surface Mount Schottky
TSS40L TSC-TSS40L_14 Datasheet
175Kb / 4P
   Surface Mount Schottky
TSS70L TSC-TSS70L_14 Datasheet
179Kb / 4P
   Surface Mount Schottky
logo
Diode Semiconductor Kor...
SS22A DSK-SS22A Datasheet
188Kb / 2P
   SURFACE MOUNT SCHOTTKY
SS32A DSK-SS32A Datasheet
298Kb / 2P
   SURFACE MOUNT SCHOTTKY
SK12B DSK-SK12B Datasheet
168Kb / 2P
   SURFACE MOUNT SCHOTTKY
SMS120 DSK-SMS120 Datasheet
220Kb / 2P
   SURFACE MOUNT SCHOTTKY
SK22A DSK-SK22A Datasheet
174Kb / 2P
   SURFACE MOUNT SCHOTTKY
logo
Microdiode Electronics ...
DLSS22 CHENDA-DLSS22 Datasheet
732Kb / 2P
   SURFACE MOUNT SCHOTTKY
logo
Taiwan Semiconductor Co...
TSS54L TSC-TSS54L_14 Datasheet
178Kb / 4P
   Surface Mount Schottky
TSS0340L TSC-TSS0340L_14 Datasheet
175Kb / 4P
   Surface Mount Schottky
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com