Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2762ID Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2762ID
Description  FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2762ID Datasheet(HTML) 5 Page - Texas Instruments

  TLV2762ID Datasheet HTML 1Page - Texas Instruments TLV2762ID Datasheet HTML 2Page - Texas Instruments TLV2762ID Datasheet HTML 3Page - Texas Instruments TLV2762ID Datasheet HTML 4Page - Texas Instruments TLV2762ID Datasheet HTML 5Page - Texas Instruments TLV2762ID Datasheet HTML 6Page - Texas Instruments TLV2762ID Datasheet HTML 7Page - Texas Instruments TLV2762ID Datasheet HTML 8Page - Texas Instruments TLV2762ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS326F − JUNE 2000 − REVISED AUGUST 2013
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VDD = 1.8 V, 2.4 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
Input offset voltage
VIC = VDD/2,
V
V /2
TLV276x
25°C
550
3500
V
VIO
Input offset voltage
VO = VDD/2,
RL = 300 kΩ
TLV276x
Full range
6800
μV
αVIO
Offset voltage drift
RL = 300 kΩ,
RS = 50 Ω
9
μV/°C
V
18 V
25°C
50
70
dB
VDD = 1.8 V
Full range
48
dB
VICR = 0 V to VDD,
V
24 V
25°C
53
72
dB
CMRR Common mode rejection ratio
VICR = 0 V to VDD,
RS = 50 Ω
VDD = 2.4 V
Full range
50
dB
CMRR Common-mode rejection ratio
V
36 V
25°C
55
76
dB
VDD = 3.6 V
Full range
55
dB
VICR = 1.2 V to VDD,
V
24 V 36 V
25°C
63
82
dB
VICR = 1.2 V to VDD,
RS = 50 Ω
VDD = 2.4 V, 3.6 V
Full range
60
dB
V
18 V
25°C
20
60
VDD = 1.8 V
Full range
18
V/mV
A
Large-signal differential voltage
RL = 10 kΩ,
V
24 V
25°C
28
78
V/mV
AVD
Large signal differential voltage
amplification
RL = 10 kΩ,
VO(PP) = VDD/2
VDD = 2.4 V
Full range
23
O(
)
V
36 V
25°C
45
120
V/mV
VDD = 3.6 V
Full range
37
V/mV
Full range is 0°C to 70°C for the C-suffix and −40°C to 85°C for the I-suffix. If not specified, full range is −40°C to 85°C.
input characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25°C
3
15
IIO
Input offset current
VIC = VDD/2,
TLV276xC
Full range
100
pA
IIO
Input offset current
VIC = VDD/2,
VO = VDD/2,
TLV276xI
Full range
200
pA
VO = VDD/2,
RL = 300 kΩ,
25°C
3
15
IIB
Input bias current
L
RS = 50 Ω
TLV276xC
Full range
100
pA
IIB
Input bias current
TLV276xI
Full range
200
pA
ri(d)
Differential input resistance
25°C
1000
ci(c)
Common-mode input capacitance
f = 16 kHz
25°C
10
pF
Full range is 0°C to 70°C for the C-suffix and −40°C to 85°C for the I-suffix. If not specified, full range is −40°C to 85°C.


Similar Part No. - TLV2762ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2762ID TI-TLV2762ID Datasheet
470Kb / 27P
[Old version datasheet]   FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
TLV2762IDGK TI-TLV2762IDGK Datasheet
470Kb / 27P
[Old version datasheet]   FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
TLV2762IDGKR TI-TLV2762IDGKR Datasheet
470Kb / 27P
[Old version datasheet]   FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
TLV2762IDR TI-TLV2762IDR Datasheet
470Kb / 27P
[Old version datasheet]   FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
More results

Similar Description - TLV2762ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L1 TI1-TLV27L1_15 Datasheet
831Kb / 22P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
   Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com