Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70130DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70130DBVT
Description  24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70130DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TLV70130DBVT Datasheet HTML 1Page - Texas Instruments TLV70130DBVT Datasheet HTML 2Page - Texas Instruments TLV70130DBVT Datasheet HTML 3Page - Texas Instruments TLV70130DBVT Datasheet HTML 4Page - Texas Instruments TLV70130DBVT Datasheet HTML 5Page - Texas Instruments TLV70130DBVT Datasheet HTML 6Page - Texas Instruments TLV70130DBVT Datasheet HTML 7Page - Texas Instruments TLV70130DBVT Datasheet HTML 8Page - Texas Instruments TLV70130DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NC
NC
OUT
GND
IN
1
2
3
5
4
TLV701xx
SBVS161
– NOVEMBER 2011
www.ti.com
PIN CONFIGURATIONS
DBV PACKAGE
SOT23-5
(TOP VIEW)
Table 1. Pin Descriptions
TLV701xx
NAME
DBV
DESCRIPTION
GND
2
Ground
IN
3
Unregulated input voltage.
Regulated output voltage.
OUT
1
Any capacitor 1
µF or greater between this pin and ground is needed for stability.
NC
4, 5
No connection. This pin can be left open or tied to ground for improved thermal performance.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TLV70130DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70130DBVT TI1-TLV70130DBVT Datasheet
592Kb / 13P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70130DBVT TI-TLV70130DBVT Datasheet
4Mb / 29P
[Old version datasheet]   TLV701 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED APRIL 2023
More results

Similar Description - TLV70130DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70433PKR TI-TLV70433PKR Datasheet
797Kb / 15P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70130 TI1-TLV70130 Datasheet
592Kb / 13P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV701 TI-TLV701_15 Datasheet
524Kb / 14P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70430 TI1-TLV70430 Datasheet
655Kb / 15P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV704 TI-TLV704_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TLV704 24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
REVISED JANUARY 2015
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
logo
ON Semiconductor
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
logo
Texas Instruments
TPS7B82-Q1 TI1-TPS7B82-Q1_18 Datasheet
1,001Kb / 22P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1 Datasheet
263Kb / 15P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_19 Datasheet
1Mb / 27P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com