Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV271-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV271-Q1
Description  OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV271-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TLV271-Q1 Datasheet HTML 1Page - Texas Instruments TLV271-Q1 Datasheet HTML 2Page - Texas Instruments TLV271-Q1 Datasheet HTML 3Page - Texas Instruments TLV271-Q1 Datasheet HTML 4Page - Texas Instruments TLV271-Q1 Datasheet HTML 5Page - Texas Instruments TLV271-Q1 Datasheet HTML 6Page - Texas Instruments TLV271-Q1 Datasheet HTML 7Page - Texas Instruments TLV271-Q1 Datasheet HTML 8Page - Texas Instruments TLV271-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TLV271-Q1, TLV272-Q1, TLV274-Q1
FAMILY OF 550-
µA/Ch 3-MHz RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS
SGLS275A − OCTOBER 2004 − REVISED JUNE 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V, and 15 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
Input offset voltage
V
V
/2
V
V
/2
25
°C
0.5
5
mV
VIO
Input offset voltage
VIC = VDD/2,
RL =10kΩ
VO = VDD/2,
RS =50 Ω
Full range
7
mV
αVIO
Offset voltage drift
RL = 10 kΩ,
RS = 50 Ω
25
°C
2
µV/°C
VIC = 0 to VDD−1.35V,
V
27V
25
°C
53
70
VIC = 0 to VDD 1.35V,
RS = 50 Ω
VDD = 2.7 V
Full range
54
CMRR
Common mode rejection ratio
VIC = 0 to VDD−1.35V,
V
5V
25
°C
58
80
dB
CMRR
Common-mode rejection ratio
VIC = 0 to VDD 1.35V,
RS = 50 Ω
VDD = 5 V
Full range
57
dB
VIC = 0 to VDD−1.35V,
V
15 V
25
°C
67
85
VIC = 0 to VDD 1.35V,
RS = 50 Ω
VDD = 15 V
Full range
66
V
27V
25
°C
95
106
VDD = 2.7 V
Full range
76
A
Large-signal differential voltage
VO(PP) = VDD/2,
V
5V
25
°C
80
110
dB
AVD
Large signal differential voltage
amplification
VO(PP) = VDD/2,
RL = 10 kΩ
VDD = 5 V
Full range
82
dB
V
15 V
25
°C
77
115
VDD = 15 V
Full range
79
Full range is − 40
°C to 125°C. If not specified, full range is −40°C to 125°C.
input characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
I
Input offset current
25
°C
1
60
pA
IIO
Input offset current
VDD = 15 V,
VIC = VDD/2,
125
°C
1000
pA
I
Input bias current
VDD = 15 V,
VIC = VDD/2,
VO = VDD/2, RS = 50 Ω
25
°C
1
60
pA
IIB
Input bias current
O
DD
,
S
125
°C
1000
pA
ri(d)
Differential input resistance
25
°C
1000
G
CIC
Common-mode input capacitance
f = 21 kHz
25
°C
8
pF


Similar Part No. - TLV271-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV271-Q1 TI1-TLV271-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV271-Q1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com