Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS70W-05 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAS70W-05
Description  Surface Mount Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS70W-05 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAS70W-05 Datasheet HTML 1Page - Diode Semiconductor Korea BAS70W-05 Datasheet HTML 2Page - Diode Semiconductor Korea BAS70W-05 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Schottky Barrier Diode
BAS70W/-04/-05/-06
FEATURES
Low Forward voltage drop.
High breakdown voltage.
Guard ring protected.
BAS70W
BAS70-04
Low capacitance.
Very small SMD package.
BAS70W-05
BAS70W-06
APPLICATIONS
SOT-323
For high speed switching applications.
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS70W
K73
SOT-323
BAS70W-04
K74
SOT-323
BAS70W-05
K75
SOT-323
BAS70W-06
K76
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Repetitive Peak reverse voltage
Working peak reverse voltage
Diode reverse voltage
VRRM
VRWM
VR
70
V
Forward continuous Current
IF
70
mA
Non-Repetitive peak forward surge Current
@t=1μs
IFS
100
mA
Power Dissipation
Pd
200
mW
Junction temperature
Tj
150
Storage temperature range
Tstg
-65-+150
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAS70W-05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70W-05 DIODES-BAS70W-05 Datasheet
53Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Weitron Technology
BAS70W-05 WEITRON-BAS70W-05 Datasheet
502Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
BAS70W-05 DIODES-BAS70W-05 Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. 11 - 2
logo
TRANSYS Electronics Lim...
BAS70W-05 TEL-BAS70W-05 Datasheet
65Kb / 1P
   SCHOTTKY DIODE
logo
Galaxy Semi-Conductor H...
BAS70W-05 BILIN-BAS70W-05 Datasheet
141Kb / 3P
   Surface Mount Schottky Barrier Diode
More results

Similar Description - BAS70W-05

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com