Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFC0810B-394KE Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # RFC0810B-394KE
Description  Power Inductors ??RFC0810 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

RFC0810B-394KE Datasheet(HTML) 2 Page - Coilcraft lnc.

  RFC0810B-394KE Datasheet HTML 1Page - Coilcraft lnc. RFC0810B-394KE Datasheet HTML 2Page - Coilcraft lnc. RFC0810B-394KE Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document 1108-2
PowerInductors–RFC0810Series
Document 1108-2 Revised 01/21/14
1. When ordering, please specify
lead length and termination codes:
RFC0810B-183KE
Lead length: A = 3.6 mm ±0.3 mm (special order)
B = 5.0 mm ±0.5 mm
C = 7.0 mm ±0.5 mm (special order)
D = 8.0 mm ±0.5 mm (special order)
E = 10.0 mm ±1.0 mm (special order)
F = 25.0 mm ±1.0 mm, packaged in fanfold tape, 800 parts per box (special order)
Termination: E = RoHS compliant tin-silver over tin over copper over steel.
Special order:
S = non-RoHS tin-lead (63/37).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A LCR-meter or equivalent.
3. SRF measured using Agilent/HP 4191A or equivalent.
4. DC current at which the inductance drops the specified amount from its value without current.
5. Current that causes the specified temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Inductance2
DCR(Ohms)
SRFtyp3
Isat(A)4
Irms(A)5
Part number1
±10%(µH)
typ
max
(MHz)
10%drop
20%drop 30% drop
20°Crise 40°Crise
RFC0810B-333KE
33
0.065
0.075
9.0
3.50
3.96
4.25
2.10
3.00
RFC0810B-393KE
39
0.070
0.085
8.7
3.20
3.66
3.95
2.00
2.75
RFC0810B-473KE
47
0.080
0.095
7.5
2.90
3.33
3.60
1.85
2.60
RFC0810B-563KE
56
0.110
0.125
7.3
2.65
3.05
3.27
1.55
2.15
RFC0810B-683KE
68
0.120
0.140
6.3
2.45
2.80
3.02
1.50
2.10
RFC0810B-823KE
82
0.160
0.185
5.2
2.20
2.52
2.72
1.30
1.80
RFC0810B-104KE
100
0.185
0.210
5.0
2.00
2.27
2.43
1.20
1.70
RFC0810B-124KE
120
0.210
0.240
4.9
1.80
2.08
2.24
1.15
1.60
RFC0810B-154KE
150
0.280
0.325
4.1
1.60
1.86
2.01
1.00
1.40
RFC0810B-184KE
180
0.310
0.355
3.8
1.50
1.75
1.88
0.95
1.30
RFC0810B-224KE
220
0.400
0.460
3.0
1.30
1.55
1.67
0.82
1.15
RFC0810B-274KE
270
0.460
0.530
2.9
1.20
1.40
1.51
0.75
1.05
RFC0810B-334KE
330
0.520
0.600
2.6
1.10
1.27
1.40
0.70
1.00
RFC0810B-394KE
390
0.705
0.810
2.4
1.03
1.18
1.28
0.60
0.85
RFC0810B-474KE
470
0.795
0.915
2.2
0.93
1.06
1.15
0.58
0.80
RFC0810B-564KE
560
0.895
1.05
2.0
0.84
0.97
1.06
0.55
0.75
RFC0810B-684KE
680
1.15
1.30
1.7
0.78
0.90
0.96
0.48
0.66
RFC0810B-824KE
820
1.55
1.80
1.6
0.70
0.82
0.87
0.40
0.57
RFC0810B-105KE
1000
1.70
1.95
1.5
0.64
0.73
0.78
0.38
0.54
RFC0810B-125KE
1200
2.35
2.70
1.2
0.58
0.66
0.71
0.33
0.46
RFC0810B-155KE
1500
2.70
3.10
1.1
0.53
0.59
0.64
0.31
0.43
RFC0810B-185KE
1800
3.00
3.45
1.0
0.48
0.55
0.59
0.29
0.41
RFC0810B-225KE
2200
4.10
4.70
0.93
0.43
0.49
0.52
0.25
0.35
RFC0810B-275KE
2700
4.70
5.40
0.89
0.39
0.45
0.48
0.23
0.33
RFC0810B-335KE
3300
6.15
7.10
0.88
0.36
0.40
0.43
0.20
0.29
RFC0810B-395KE
3900
7.10
8.15
0.84
0.33
0.37
0.40
0.185
0.26
RFC0810B-475KE
4700
8.05
9.25
0.78
0.31
0.35
0.37
0.180
0.25
RFC0810B-565KE
5600
9.90
11.5
0.59
0.28
0.31
0.33
0.150
0.22
RFC0810B-685KE
6800
11.5
13.0
0.55
0.26
0.28
0.31
0.145
0.205
RFC0810B-825KE
8200
15.0
17.0
0.48
0.23
0.26
0.28
0.130
0.180
RFC0810B-106KE
10,000
17.0
19.5
0.45
0.21
0.23
0.25
0.122
0.170
RFC0810B-126KE
12,000
21.5
24.5
0.40
0.19
0.22
0.23
0.108
0.150
RFC0810B-156KE
15,000
24.5
27.0
0.36
0.17
0.20
0.21
0.100
0.142
RFC0810B-186KE
18,000
27.5
30.0
0.34
0.16
0.18
0.20
0.097
0.135


Similar Part No. - RFC0810B-394KE

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
RFC0807B-104KE COILCRAFT-RFC0807B-104KE Datasheet
419Kb / 3P
   Power Inductors ??RFC0807 Series
RFC0807B-105KE COILCRAFT-RFC0807B-105KE Datasheet
419Kb / 3P
   Power Inductors ??RFC0807 Series
RFC0807B-106KE COILCRAFT-RFC0807B-106KE Datasheet
419Kb / 3P
   Power Inductors ??RFC0807 Series
RFC0807B-123KE COILCRAFT-RFC0807B-123KE Datasheet
419Kb / 3P
   Power Inductors ??RFC0807 Series
RFC0807B-124KE COILCRAFT-RFC0807B-124KE Datasheet
419Kb / 3P
   Power Inductors ??RFC0807 Series
More results

Similar Description - RFC0810B-394KE

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DC1012 COILCRAFT-DC1012_13 Datasheet
193Kb / 2P
   Power Inductors ??DC1012 Series
RFC1010 COILCRAFT-RFC1010_15 Datasheet
477Kb / 3P
   Power Inductors ??RFC1010 Series
DR0608 COILCRAFT-DR0608_13 Datasheet
240Kb / 2P
   Power Inductors ??DR0608 Series
logo
List of Unclassifed Man...
RCH875 ETC1-RCH875 Datasheet
21Kb / 1P
   RCH Series Power Inductors
logo
Coilcraft lnc.
XPL2010-103MLB COILCRAFT-XPL2010-103MLB Datasheet
169Kb / 2P
   Power Inductors . XPL2010 Series
DR0810 COILCRAFT-DR0810_13 Datasheet
255Kb / 2P
   Power Inductors ??DR0810 Series
RFC0807 COILCRAFT-RFC0807_15 Datasheet
419Kb / 3P
   Power Inductors ??RFC0807 Series
logo
Bourns Electronic Solut...
SDR6603-221M BOURNS-SDR6603-221M Datasheet
344Kb / 2P
   SDR6603 Series - SMD Power Inductors
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
   SRP1270 Series - Shielded Power Inductors
logo
Coilcraft lnc.
DO3316P-224MLB COILCRAFT-DO3316P-224MLB Datasheet
210Kb / 2P
   SMT Power Inductors - DO3316P Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com