Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT352CGGP2Q Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # MT352CGGP2Q
Description  COFDM Demodulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT352CGGP2Q Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  MT352CGGP2Q Datasheet HTML 1Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 2Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 3Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 4Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 5Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 6Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 7Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 8Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003-2005, Zarlink Semiconductor Inc. All Rights Reserved.
Features
Nordig II and ETSI 300 744 compliant
Superior Single Frequency Network performance
Unique active Impulse-Noise filtering
Single SAW operation
Automatic co-channel and adjacent-channel
interference suppression
Clock generation from single low-cost 20.48 MHz
crystal or external 4 or 27 MHz clock
IF sampling at 4.57, 36.17 or 43.5 MHz from a
single crystal frequency
Channel bandwidth of 6, 7 & 8 MHz
Blind acquisition capability (including 2 K / 8 K
mode detect)
Automatic spectral inversion detection
Fast auto-scan and acquisition technology
Very low software overhead
Dual AGC control option
Access to channel SNR, pre- and post-Viterbi bit
error rates
Compact 64 pin LQFP
Less than 0.22 W power consumption
Standby and sleep options
Applications
Set-top boxes
Integrated digital televisions
Personal video recorders
Terrestrial PC reception
Mobile and portable applications
Zarlink evaluation kits include application board, TNIM
and supporting software based on industry standard
operating systems. Device drivers are also available
enabling rapid product development and reduction in
time to market.
Description
MT352 is a superior third generation Coded
Orthogonal Frequency Division Multiplex (COFDM)
television demodulator that is both Nordig II and DVB
(as defined in ETS 300 744 specification) compliant. It
can be used in
either 2 K or 8 K modes with 6, 7 or
8 MHz channels and is capable of addressing all
modes of transmission.
The device includes a high performance 10-bit A/D
converter capable of accepting direct IF at 36.17 or
43.75 MHz.
Sampling rates required for both these
frequencies in 6,7 or 8 MHz OFDM channels can be
generated
from
a
single
20.48 MHz
crystal.
Alternatively, there is provision to replace this crystal
with a 4 or 27 MHz external clock input.
February 2005
Ordering Information
MT352/CG/GP1N
64 Pin LQFP
Trays
MT352/CG/GP1Q
64 Pin LQFP
Tape & Reel
MT352/CG/GP2Q
64 Pin LQFP* Tape & Reel
MT352/CG/GP2N
64 Pin LQFP* Trays
* Pb Free Matte Tin
0oC to +70oC
MT352
COFDM Demodulator
Data Sheet
Figure 1 - Block Diagram
RF in
ADC
AGC
Secondary
Tuner control
Impulse
Suppression
IF to
Baseband
conversion &
Interpolator
FFT
Symbol,
Carrier &
Timing
Recovery
Pilot &
Channel
Processor
Control
engine
Symbol & Bit
De-interleaver
& Demapper
FEC
MPEG
TS
2-wire bus
Primary
2-wire bus


Similar Part No. - MT352CGGP2Q

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MT3520 YANGJIE-MT3520 Datasheet
98Kb / 2P
   Bridge Rectifier
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
MT35212AE MITEL-MT35212AE Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
MT35212AP MITEL-MT35212AP Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
More results

Similar Description - MT352CGGP2Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
PS20250 ETC2-PS20250 Datasheet
703Kb / 23P
   Dual COFDM demodulator with PID filters
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator
PS20230 ETC2-PS20230 Datasheet
1Mb / 26P
   COFDM demodulator with USB interface for PC-TV
PS20251 ETC2-PS20251 Datasheet
685Kb / 25P
   Dual COFDM demodulator with PID filters and MRC diversity
logo
Zarlink Semiconductor I...
ZL10353 ZARLINK-ZL10353 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10355 ZARLINK-ZL10355 Datasheet
456Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV(DTV)
logo
Intel Corporation
CE6353 INTEL-CE6353 Datasheet
478Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
logo
List of Unclassifed Man...
L64781 ETC2-L64781 Datasheet
167Kb / 4P
   Single-Chip COFDM Receiver
L64782 ETC2-L64782 Datasheet
89Kb / 4P
   Single-Chip COFDM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com