Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70032QDDCRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70032QDDCRQ1
Description  200-mA Low-IQ Low-Dropout Regulator for Portable Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70032QDDCRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV70032QDDCRQ1 Datasheet HTML 1Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 2Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 3Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 4Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 5Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 6Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 7Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 8Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TLV700xx-Q1
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1 µF
Ceramic
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV70012A-Q1, TLV70025-Q1, TLV70028-Q1
TLV70030-Q1, TLV70032-Q1, TLV70033-Q1
SLVSA61G – FEBRUARY 2010 – REVISED SEPTEMBER 2015
TLV700xx-Q1 200-mA Low-IQ Low-Dropout Regulator for Portable Devices
1 Features
3 Description
The TLV700xx-Q1 family of low-dropout (LDO) linear
1
Qualified for Automotive Applications
regulators are low-quiescent-current devices with
AEC-Q100 Qualified With the Following Results:
excellent line and load transient performance. These
Device Temperature Grade 1: –40°C to 125°C
LDOs are designed for power-sensitive applications.
Ambient Operating Temperature Range
A precision band-gap and error amplifier provides
overall 2% accuracy. Low output noise, very high
Device HBM ESD Classification Level H2
power-supply rejection ratio (PSRR), and low dropout
Device CDM ESD Classification Level C4B
voltage make this series of devices ideal for most
2% Accuracy
battery-operated handheld equipment. All device
versions have thermal shutdown and current limit for
Low IQ: 31 μA
safety.
Fixed Output Voltages
Furthermore, these devices are stable with an
TLV70033-Q1: 3.3 V
effective output capacitance of only 0.1
μF. This
TLV70032-Q1: 3.2 V
feature enables the use of cost-effective capacitors
TLV70030-Q1: 3.0 V
that have higher bias voltages and temperature
derating. The devices regulate to specified accuracy
TLV70028-Q1: 2.8 V
with no output load.
TLV70025-Q1: 2.5 V
The TLV700xx-Q1 LDOs are available in the SOT-5
TLV70012A-Q1: 1.2 V
(DDC) and the SC70-5 (DCK) packages.
High PSRR: 68 dB at 1 kHz
Device Information(1)
Stable With Effective Capacitance of 0.1
μF
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV70012A-Q1
SC70 (5)
2.00 mm × 1.25 mm
Thermal Shutdown and Overcurrent Protection
TLV70025-Q1
SOT (5)
2.90 mm × 1.60 mm
Latch-Up Performance Meets 100 mA
TLV70028-Q1
SOT (5)
2.90 mm × 1.60 mm
Per AEC-Q100, Level I
TLV70030-Q1
SC70 (5)
2.00 mm × 1.25 mm
Available in the SOT-5 (DDC) and SC70-5 (DCK)
Packages
TLV70032-Q1
SOT (5)
2.90 mm × 1.60 mm
TLV70033-Q1
SOT (5)
2.90 mm × 1.60 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Automotive
Typical Application Circuit (Fixed-Voltage Versions)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV70032QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70032QDDCRQ1 TI1-TLV70032QDDCRQ1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results

Similar Description - TLV70032QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com