Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y8848-AL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # Y8848-AL
Description  Flyback Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

Y8848-AL Datasheet(HTML) 1 Page - Coilcraft lnc.

  Y8848-AL Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Flyback Transformers
Document 245
Document 245 Revised 01/31/05
Leakage
Part
Inductance1
DCR
inductance2 Isolation3
Turns ratio
Weight
Application
number
±10% (mH)
max (Ohms)
max (µH)
(Vrms)
pri : sec pri : aux
Output
(g)
3.5 W
Y8844-AL
2.9
4.25 (8-5)
80
1500
1
:0.08
6.5 V, 0.54 A
6.7
0.07 (4-1)
10 W
Y8848-AL
1.8
1.77 (10-6)
60
2000
1
:0.1
12 V, 0.83 A
16
0.038 (5-1)
70 W
Z9007-BL
0.7
0.261 (12-7)
16
1500
1
:0.164
16 V, 4.2 A
52
0.013 (6-1)
0.013 (4-3)
70 W
Z9260-AL
0.7
0.261 (12-7)
26
2000
1
: 0.164
1
: 0.15
16 V, 4.2 A(sec)
54
with Auxilary winding
0.013 (6-1)
15 V, 0.2 A (aux)
0.013 (4-3)
0.045 (11-8)
These transformers have been specially developed for
use in flyback power supplies with the ON Semiconduc-
tor NCP1200 PWM Current-Mode Controller. They are
designed for universal input, 85 – 265 Vac.
Coilcraft can also custom engineer a transformer to meet
your specific requirements. For free evaluation samples,
contact Coilcraft or visit
www.coilcraft.com.
A
1
12
6
7
Bottom view
3
3
1
1
4
4
6
6
11
7
7
8
Z9007-BL
Z9260-AL
Pri
Pri
Sec
Sec
1
5
10
6
PriSec
Y8848-AL
1
4
8
5
Bottom view
E
F
G
1
4
8
5
Pri
Sec
Y8844-AL
B
C
D
B
C
D
A
5
1
6
10
Bottom view
1
1
E (7 places)
H
F
G
A
B
C
D
1
E(9 places)
H
F
G
12
12
Aux
Amax
Bmax Cmax
Dmin
E
F
Gdia
H (1 place)
Y8844-A
0.72
0.79
0.55
0.118
0.150
0.600
0.030
inches
18,3
20,1
14,0
3,0
3,81
15,24
0,76
mm
Y8848-A
1.10
1.10
0.95
0.12
0.200
0.620
0.044
0.150
inches
27,9
27,9
24,1
3,05
5,08
15,75
1,12
3,81
mm
Z9007-B, Z9260-A
1.45
1.45
1.17
0.12
0.200
0.875
0.044
0.150
inches
36,8
36,8
29,7
3,05
5,08
22,2
1,12
3,81
mm
1. Inductance is for the primary, measured at 10 kHz, 0.1 Vrms, 0 Adc
2. Leakage inductance tested at 100 kHz, 0.1 Vrms
3. Isolation tested between primary and secondary on all parts and be-
tween primary and auxiliary on Z9260-AL.
4. Primary to secondary turns ratio specified with secondary windings con-
nected in parallel.
5. Operating temperature range -40°C to +85°C.
6. Electrical specifications at 25°C.
For ON Semiconductor
NCP1200 Controller
Terminations: Tin-silver over tin over copper
For Z9007-BL and
Z9260-AL, secondary
windings to be con-
nected in parallel on
the circuit board.
Y8844-AL
Y8848-AL
Z9007-BL, Z9260-AL
Packaged
49 per tray
Packaged
30 per tray
Packaged 25 per tray


Similar Part No. - Y8848-AL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
Y8848-AL COILCRAFT-Y8848-AL Datasheet
75Kb / 1P
   Flyback Transformers
More results

Similar Description - Y8848-AL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A9619-CL COILCRAFT-A9619-CL Datasheet
133Kb / 1P
   Flyback Transformers
GA3429-BL COILCRAFT-GA3429-BL Datasheet
177Kb / 1P
   Flyback Transformers
logo
MPS Industries, Inc.
P613P MPSIND-P613P Datasheet
462Kb / 1P
   FLYBACK TRANSFORMERS
logo
Coilcraft lnc.
POE300F-33LB COILCRAFT-POE300F-33LB Datasheet
115Kb / 2P
   Flyback Transformers
FA2925-ALD COILCRAFT-FA2925-ALD Datasheet
128Kb / 1P
   Flyback Transformers
HA3691 COILCRAFT-HA3691_13 Datasheet
128Kb / 1P
   Flyback Transformers
GA3430 COILCRAFT-GA3430_10 Datasheet
75Kb / 1P
   Flyback Transformers
HA3585 COILCRAFT-HA3585_13 Datasheet
101Kb / 1P
   Flyback Transformers
POE30P-33L COILCRAFT-POE30P-33L_15 Datasheet
437Kb / 2P
   Flyback Transformers
C1173-AL COILCRAFT-C1173-AL Datasheet
182Kb / 1P
   Flyback Transformers
FA2469-AL COILCRAFT-FA2469-AL Datasheet
174Kb / 1P
   Flyback Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com