Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXV5004GC7U Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPXV5004GC7U
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV5004GC7U Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPXV5004GC7U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV5004GC7U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV5004GC7U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV5004GC7U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV5004GC7U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV5004GC7U Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXV5004GC7U Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXV5004GC7U Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXV5004GC7U Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Sensors
Freescale Semiconductor
9
MPXV5004G
PACKAGE DIMENSIONS
NOTES:
1.
2.
3.
4.
CONTROLLING DIMENSION: INCH.
INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
DIMENSIONS "D" AND "E1" DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.006 (0.152)
PER SIDE.
DIMENSION "b" DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.008 (0.203) MAXIMUM.
N
A
C
0.004 (0.1)
DETAIL G
SEATING
PLANE
8X
P
T
D
E
e/2
e
A
M
0.004 (0.1)
B
C
E1
A
B
A
0.008 (0.20)
B
C
8X
b
2 PLACES 4 TIPS
1
4
8
5
F
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.300
0.330
7.11
7.62
A1
0.002
0.010
0.05
0.25
b
0.038
0.042
0.96
1.07
D
0.465
0.485
11.81
12.32
E
E1
0.465
0.485
11.81
12.32
e
M
0.270
0.290
6.86
7.36
N
0.080
0.090
2.03
2.28
P
0.009
0.011
0.23
0.28
T
0.115
0.125
2.92
3.17
0.100 BSC
2.54 BSC
F
0.245
0.255
6.22
6.47
K
0.120
0.130
3.05
3.30
L
0.061
0.071
1.55
1.80
θ
0.717 BSC
18.21 BSC
K
M
GAGE
PLANE
DETAIL G
L
A1
θ
.014 (0.35)
CASE 1369-01
ISSUE O
SMALL OUTLINE PACKAGE
SURFACE MOUNT


Similar Part No. - MPXV5004GC7U

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXV5004GC7U MOTOROLA-MPXV5004GC7U Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPXV5004GC7U FREESCALE-MPXV5004GC7U Datasheet
387Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV5004GC7U FREESCALE-MPXV5004GC7U Datasheet
470Kb / 22P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MPXV5004GC7U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5999D FREESCALE-MPX5999D Datasheet
165Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004G FREESCALE-MP3V5004G_10 Datasheet
332Kb / 14P
   Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100 FREESCALE-MPX5100_10 Datasheet
356Kb / 17P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7007 FREESCALE-MPXV7007 Datasheet
141Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com