Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5619IDWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5619IDWR
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5619IDWR Datasheet(HTML) 5 Page - Texas Instruments

  TLV5619IDWR Datasheet HTML 1Page - Texas Instruments TLV5619IDWR Datasheet HTML 2Page - Texas Instruments TLV5619IDWR Datasheet HTML 3Page - Texas Instruments TLV5619IDWR Datasheet HTML 4Page - Texas Instruments TLV5619IDWR Datasheet HTML 5Page - Texas Instruments TLV5619IDWR Datasheet HTML 6Page - Texas Instruments TLV5619IDWR Datasheet HTML 7Page - Texas Instruments TLV5619IDWR Datasheet HTML 8Page - Texas Instruments TLV5619IDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
TIMING REQUIREMENTS
TLV5619
SLAS172F – DECEMBER 1997 – REVISED FEBRUARY 2004
REFERENCE INPUT (REFIN)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Reference input voltage
See (1)
0
VDD-1.5
V
Ri
Reference input resistance
10
M
Ci
Reference input capacitance
5
pF
Reference feed through
REFIN = 1 Vpp at 1 kHz + 1.024 V dc (see
(2))
60
dB
Reference input bandwidth
REFIN = 0.2 Vpp + 1.024 V dc at -3 dB
1.4
MHz
DIGITAL INPUTS (D0-D11, CS, WE, LDAC, PD)
IIH
High-level digital input current
VI = VDD
1
µA
IIL
Low-level digital input current
VI = 0 V
1
µA
Ci
Input capacitance
8
pF
(1)
Reference input voltages greater than VDD/2 will cause output saturation for large DAC codes.
(2)
Reference feedthrough is measured at the DAC output with an input code = 0x000 and a Vref(REFIN) input = 1.024 V dc + 1 Vpp at
1 kHz.
POWER SUPPLY
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5-V Supply
1.6
3
IDD
Power supply current
No load, All inputs 0 V or VDD
mA
3-V Supply
1.44
2.7
Power down supply current
0.01
10
µA
ANALOG OUTPUT DYNAMIC PERFORMANCE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5-V
Vref(REFIN) = 2.048 V,
8
12
V/µs
Supply
CL = 100 pF,
Vref(REFIN) =1.024 V,
SR
Slew rate
RL = 10 kΩ
VO from 10% to 90%
3-V
6
9
V/µs
VO from 90% to 10%
Supply
Output settling time (full
ts
To
±0.5 LSB, R
L = 10 kΩ, CL = 100 pF, See
(1)
1
3
µs
scale)
Glitch energy
DIN = all 0s to all 1s
5
nV-s
fs = 480 kSPS, BW = 20 kHz, CL = 100 pF,
5-V
S/N
Signal to noise
65
78
fOUT = 1 kHz, RL = 10 kΩ , TA = 25°C, See
(2)
Supply
5-V
58
67
Supply
fs = 480 kSPS, BW = 20 kHz, CL = 100 pF,
S/(N+D)
Signal to noise + distortion
fOUT = 1 kHz, RL = 10 kΩ, TA = 25°C, See
(2)
3-V
58
69
dB
Supply
fs = 480 kSPS, BW = 20 kHz, CL = 100 pF,
Total harmonic distortion
68
60
fOUT = 1 kHz, RL = 10 kΩ, TA = 25°C, See
(2)
Spurious free dynamic
fs = 480 kSPS, BW = 20 kHz, CL = 100 pF,
60
72
range
fOUT = 1 kHz, RL = 10 kΩ, TA = 25°C, See
(2)
(1)
Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change of 32
to 4063 or 4063 to 32. Limits are ensured by design and characterization, but are not production tested.
(2)
1 kHz sinewave generated by DAC, reference voltage = 1.024 V at 3 V and 2.048 V at 5 V.
DIGITAL INPUTS
MIN
NOM
MAX
UNIT
tsu(CS-WE)
Setup time, CS low before positive WE edge
13
ns
tsu(D)
Setup time, data ready before positive WE edge
9
ns
th(D)
Hold time, data held after positive WE edge
0
ns
tsu(WE-LD)
Setup time, positive WE edge before LDAC low
0
ns
twh(WE)
Pulse width, WE high
25
ns
tw(LD)
Pulse width, LDAC low
25
ns
5


Similar Part No. - TLV5619IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5619IDW TI-TLV5619IDW Datasheet
251Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results

Similar Description - TLV5619IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com