Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5621ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5621ID
Description  LOW-POWER QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5621ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV5621ID Datasheet HTML 7Page - Texas Instruments TLV5621ID Datasheet HTML 8Page - Texas Instruments TLV5621ID Datasheet HTML 9Page - Texas Instruments TLV5621ID Datasheet HTML 10Page - Texas Instruments TLV5621ID Datasheet HTML 11Page - Texas Instruments TLV5621ID Datasheet HTML 12Page - Texas Instruments TLV5621ID Datasheet HTML 13Page - Texas Instruments TLV5621ID Datasheet HTML 14Page - Texas Instruments TLV5621ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TLV5621I
LOW-POWER QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTER
SLAS138B – APRIL 1996 – REVISED FEBRUARY 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VDD = 3 V to 3.6 V, Vref = 1.25 V, GND = 0 V, RL = 10 kΩ, CL = 100 pF, × 1 gain output range
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOmax
Maximum full-scale output
voltage
Vref = 1.5 V, open circuit output, × 2 gain
VDD – 100
2
mV
IIH(digital)
High-level digital input current
VI = VDD
±10
µA
IIL(digital)
Low-level digital input current
VI = 0 V
±10
µA
Output sink current, DACA
DAC code 0
5
µA
IO(sink)
Output sink current, DACB,
DACC, DACD
DAC code 0
20
µA
IO(source)
Output source current
Each DAC output,
DAC code 255
1
mA
Ci
Input capacitance
15
pF
Ci
Reference input capacitance
A, B, C, D inputs
15
pF
IDD
Supply current
VDD = 3.6 V
1
1.5
mA
IDD
Supply current
VDD = 5 V
1
1.5
mA
IDD(active)
Supply current, one low power
DAC active
VDD = 3.6 V, See Note 4
150
250
µA
IDD(shutdown)
Supply current, all DACs shut
down
VDD = 3.6 V, See Note 4
50
100
µA
Iref
Reference input current
A, B, C, D inputs
±10
µA
EL
Integral linearity error
Vref = 1.25 V,
× 2 gain, See Notes 5 and 13
±1
LSB
ED
Differential linearity error
Vref = 1.25 V,
× 2 gain, See Notes 6 and 13
±0.1
±0.9
LSB
EZS
Zero-scale error
Vref = 1.25 V,
× 2 gain, See Note 7
0
30
mV
Zero-scale error temperature
coefficient
Vref = 1.25 V,
× 2 gain, See Note 8
10
µV/°C
Zero-scale error supply rejection
2
mV/V
EFS
Full-scale error
Vref = 1.25 V,
× 2 gain, See Note 9
±60
mV
Full-scale error temperature
coefficient
Vref = 1.25 V,
× 2 gain, See Note 10
±25
µV/°C
Full-scale error supply rejection
2
mV/V
PSRR
Power-supply sensitivity
See Notes 11 and 12
0.5
mV/V
Feedback resistor network
resistance
168
k
NOTES:
4. This is measured with no load (open circuit output), Vref = 1.25 V, range = × 2.
5. Integral nonlinearity (INL) is the maximum deviation of the output from the line between zero and full scale (excluding the effects
of zero code and full-scale errors).
6. Differential nonlinearity (DNL) is the difference between the measured and ideal 1 LSB amplitude change of any two adjacent codes.
Monotonic means the output voltage changes in the same direction (or remains constant) as a change in the digital input code.
7. Zero-scale error is the deviation from zero voltage output when the digital input code is zero.
8. Zero-scale error temperature coefficient is given by: ZSETC = [ZSE(Tmax) – ZSE(Tmin)]/Vref × 106/(Tmax – Tmin).
9. Full-scale error is the deviation from the ideal full-scale output (Vref – 1 LSB) with an output load of 10 kΩ.
10. Full-scale temperature coefficient is given by: FSETC = [FSE(Tmax) – FSE (Tmin)]/Vref × 106/(Tmax – Tmin).
11. Zero-scale error rejection ratio (ZSE-RR) is measured by varying the VDD voltage from 4.5 V to 5.5 V dc and measuring the effect
of this signal on the zero-code output voltage.
12. Full-scale error rejection ratio (FSE-RR) is measured by varing the VDD voltage from 3 V to 3.6 V dc and measuring the effect of
this signal on the full-scale output voltage.
13. Linearity is only specified for DAC codes 1 through 255.


Similar Part No. - TLV5621ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5621ID TI-TLV5621ID Datasheet
240Kb / 17P
[Old version datasheet]   LOW-POWER QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - TLV5621ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5621I TI-TLV5621I Datasheet
240Kb / 17P
[Old version datasheet]   LOW-POWER QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTER
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com