Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5606CD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5606CD
Description  2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5606CD Datasheet(HTML) 5 Page - Texas Instruments

  TLV5606CD Datasheet HTML 1Page - Texas Instruments TLV5606CD Datasheet HTML 2Page - Texas Instruments TLV5606CD Datasheet HTML 3Page - Texas Instruments TLV5606CD Datasheet HTML 4Page - Texas Instruments TLV5606CD Datasheet HTML 5Page - Texas Instruments TLV5606CD Datasheet HTML 6Page - Texas Instruments TLV5606CD Datasheet HTML 7Page - Texas Instruments TLV5606CD Datasheet HTML 8Page - Texas Instruments TLV5606CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TLV5606
2.7V TO 5.5V LOW POWER 10BIT DIGITALTOANALOG
CONVERTERS WITH POWER DOWN
SLAS259B − DECEMBER 1999 − REVISED APRIL 2004
5
WWW.TI.COM
operating characteristics over recommended operating free-air temperature range (unless
otherwise noted)
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ts(FS)
Output settling time, full scale
RL = 10 kΩ,
CL = 100 pF,
Fast
3
5.5
s
ts(FS)
Output settling time, full scale
RL = 10 kΩ,
See Note 11
CL = 100 pF,
Slow
9
20
µs
ts(CC)
Output settling time, code to code
RL = 10 kΩ,
CL = 100 pF,
Fast
1
µs
ts(CC)
Output settling time, code to code
RL = 10 kΩ,
See Note 12
CL = 100 pF,
Slow
2
µs
SR
Slew rate
RL = 10 kΩ,
CL = 100 pF,
Fast
3.6
V/ s
SR
Slew rate
RL = 10 kΩ,
See Note 13
CL = 100 pF,
Slow
0.9
V/
µs
Glitch energy
Code transition from 0x7FF to 0x800
10
nV−s
S/N
Signal to noise
fs = 400 KSPS
fout = 1.1 kHz,
62
dB
S/(N+D)
Signal to noise + distortion
fs = 400 KSPS
fout = 1.1 kHz,
RL = 10 kΩ
CL = 100 pF,
60
dB
THD
Total harmonic distortion
RL = 10 kΩ,
CL = 100 pF,
BW = 20 kHz
−61
dB
Spurious free dynamic range
BW = 20 kHz
68
dB
NOTES: 11. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of 0x080 to 0x3FF or 0x3FF to 0x080. Not tested, ensured by design.
12. Settling time is the time for the output signal to remain within
± 0.5 LSB of the final measured value for a digital input code change
of one count. Code change from 0x1FF to 0x200. Not tested, ensured by design.
13. Slew rate determines the time it takes for a change of the DAC output from 10% to 90% full-scale voltage.
digital input timing requirements
MIN
NOM
MAX
UNIT
tsu(CS−FS)
Setup time, CS low before FS
10
ns
tsu(FS−CK)
Setup time, FS low before first negative SCLK edge
8
ns
tsu(C16−FS)
Setup time, sixteenth negative edge after FS low on which bit D0 is sampled before rising
edge of FS
10
ns
tsu(C16−CS)
Setup time, sixteenth positive SCLK edge (first positive after D0 is sampled) before CS rising
edge. If FS is used instead of the sixteenth positive edge to update the DAC, then the setup
time is between the FS rising edge and CS rising edge.
10
ns
twH
Pulse duration, SCLK high
25
ns
twL
Pulse duration, SCLK low
25
ns
tsu(D)
Setup time, data ready before SCLK falling edge
8
ns
th(D)
Hold time, data held valid after SCLK falling edge
5
ns
twH(FS)
Pulse duration, FS high
20
ns


Similar Part No. - TLV5606CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5606CD TI-TLV5606CD Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606CDGK TI-TLV5606CDGK Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606CDGKR TI-TLV5606CDGKR Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606CDR TI-TLV5606CDR Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results

Similar Description - TLV5606CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDG4 TI-TLV5623CDG4 Datasheet
948Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5617A TI-TLV5617A_15 Datasheet
822Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C Datasheet
310Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com