Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3696AM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3696AM
Description  Multipoint RS485/RS422 Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3696AM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3696AM Datasheet HTML 1Page - National Semiconductor (TI) DS3696AM Datasheet HTML 2Page - National Semiconductor (TI) DS3696AM Datasheet HTML 3Page - National Semiconductor (TI) DS3696AM Datasheet HTML 4Page - National Semiconductor (TI) DS3696AM Datasheet HTML 5Page - National Semiconductor (TI) DS3696AM Datasheet HTML 6Page - National Semiconductor (TI) DS3696AM Datasheet HTML 7Page - National Semiconductor (TI) DS3696AM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics (Notes 2, 3) (Continued)
Note 2: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise specified.
Note 3: All typicals are given for VCC = 5V and TA = 25˚C.
Note 4: Derate linearly at 6.5 mW/˚C to 337 mW at 70˚C.
Note 5: All limits for which Note 5 is applied must be derated by 10% for DS3695AT. Other parameters remain the same for this extended temperature range device
(−40˚C
≤ TA ≤ +85˚C).
Switching Characteristics
0˚C
≤ T
A ≤ 70˚C, 4.75V < VCC < 5.25V unless otherwise specified (Note 3)
Receiver Switching Characteristics
(
Figures 1, 2 and Figure 3)
Symbol
Conditions
Min
Typ
Max
Units
t
PLH
C
L =15pF
15
28
42
ns
t
PHL
S1 and S2
15
28
42
ns
|t
PLH–tPHL|
Closed
0
3
ns
t
PLZ
C
L = 15 pF, S2 Open
5
29
35
ns
t
PHZ
C
L = 15 pF, S1 Open
5
12
16
ns
t
PZL
C
L = 15 pF, S2 Open
7
15
28
ns
t
PZH
C
L = 15 pF, S1 Open
7
15
20
ns
Driver Switching Characteristics
Symbol
Conditions
Min
Typ
Max
Units
SINGLE ENDED CHARACTERISTICS (
Figures 4, 5 and Figure 7)
t
PLH
R
LDIFF =60Ω
915
22
ns
t
PHL
C
L1 =CL2 = 100 pF
9
15
22
ns
t
SKEW|tPLH–tPHL|
028
ns
t
PLZ
C
L = 15 pF, S2 Open
7
15
30
ns
t
PHZ
C
L = 15 pF, S1 Open
7
15
30
ns
t
PZL
C
L = 100 pF, S2 Open
30
35
50
ns
t
PZH
C
L = 100 pF, S1 Open
30
35
50
ns
DIFFERENTIAL SWITCHING CHARACTERISTICS (
Figure 7)
t
r,tf
R
LDIFF =60Ω
C
L1 =CL2 = 100 pF
610
18
ns
AC Test Circuits and Switching Waveforms
DS005272-6
FIGURE 1. Receiver Propagation Delay Test Circuit
www.national.com
3


Similar Part No. - DS3696AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3696A TI-DS3696A Datasheet
807Kb / 13P
[Old version datasheet]   DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
DS3696A TI1-DS3696A Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
More results

Similar Description - DS3696AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
DS3695N-NOPB TI1-DS3695N-NOPB Datasheet
577Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
logo
National Semiconductor ...
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Texas Instruments
DS3695 TI1-DS3695_15 Datasheet
578Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695AMX TI-DS3695AMX Datasheet
807Kb / 13P
[Old version datasheet]   DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com