Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5590 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV5590
Description  2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5590 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV5590 Datasheet HTML 6Page - Texas Instruments TLV5590 Datasheet HTML 7Page - Texas Instruments TLV5590 Datasheet HTML 8Page - Texas Instruments TLV5590 Datasheet HTML 9Page - Texas Instruments TLV5590 Datasheet HTML 10Page - Texas Instruments TLV5590 Datasheet HTML 11Page - Texas Instruments TLV5590 Datasheet HTML 12Page - Texas Instruments TLV5590 Datasheet HTML 13Page - Texas Instruments TLV5590 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TLV5590
2BIT ANALOGTODIGITAL CONVERTER
FOR FLEXt PAGER CHIPSET
SLAS134B − NOVEMBER 1995 − REVISED NOVEMBER 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
The thresholds for the ADC comparators are set by capacitor ratios in switched-capacitor comparators. For a
2-bit ADC, three comparators are used with thresholds set as shown in Table 3.
Table 3. Comparators and Associated Threshold Values (see Notes 4 and 5)
COMPARATOR
VALUE
UNIT
Lower threshold
((peak − valley) x 50/256) + valley
V
Middle threshold
((peak − valley) x 134/256) + valley
V
Upper threshold
((peak − valley) x 217/256) + valley
V
NOTES:
4. The constants 50/256, 134/256, and 217/256 have a
± 5% tolerance.
5. The comparator thresholds are measured with the input voltage level of the SIG terminal at 125 mV ac
centered on 800 mV dc and the input voltage at the DC OFFSET terminal is 800 mV dc.
peak and valley timing
The peak and valley attack and delay times are controlled by two 8-bit up/down counters clocked by the CLK
input. The rate that the counters are clocked depends on whether the counters are in attack or decay mode.
The peak counter is in attack mode when the input signal amplitude is greater than the output voltage from the
peak DAC, and it is in decay mode when the input signal amplitude is less that the peak DAC output voltage.
The valley counter is in attack mode when the input signal amplitude is less than the output voltage from the
valley DAC, and it is in decay mode when the input signal amplitude is greater than the valley DAC output
voltage.
When TRACKINH is held high, the attack and decay enable inputs to the peak and valley counters are disabled.
When held low the attack and decay enable inputs to the peak and valley counters are enabled. The effect of
the TRACKINH signal is exactly the same as when the device is configured in hold mode.
slow-acquisition-mode attack and decay times
The attack rate is calculated equal to [VDD × f(CLK) × 2] / 256 / (TRACKINH duty cycle). So the peak and valley
counter is incremented/decremented by a count of 2 on every clock cycle when the input signal amplitude is
greater or less than the peak and valley DAC output voltage.
The decay rate is calculated equal to [VDD × f(CLK)] / (256 × 40) / (TRACKINH duty cycle). So the peak and valley
counter is decremented or incremented once every 40 clock cycles when the input signal amplitude is less or
greater than the peak and valley DAC output voltage.
When the counters receive an attack enable at the same time as a decay enable then the attack enable takes
precedence. The decay counter is reset to 1 after an attack and reset to 40 following a decay.
With a VDD supply variation of 2.7 V to 3.3 V, and a fixed clock input of 38.4 kHz, the attack and decay times
are given in Table 4.
Table 4. Slow Acquisition Mode Attack and Decay Times
DESCRIPTION
CONDITIONS
MIN
MAX
UNIT
Attack Rate (ATTR)
TRACKINH = Low
810
990
mV/ms
Decay Rate (DECR)
TRACKINH = Low
10.125
12.375
mV/ms


Similar Part No. - TLV5590

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5590 TI-TLV5590 Datasheet
213Kb / 16P
[Old version datasheet]   2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
TLV5590ED TI-TLV5590ED Datasheet
213Kb / 16P
[Old version datasheet]   2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
More results

Similar Description - TLV5590

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5590 TI-TLV5590 Datasheet
213Kb / 16P
[Old version datasheet]   2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
TLV5592 TI-TLV5592 Datasheet
208Kb / 15P
[Old version datasheet]   2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX PAGER CHIPSET
logo
NXP Semiconductors
TDA8761A PHILIPS-TDA8761A Datasheet
166Kb / 24P
   9-bit analog-to-digital converter for digital video
1998 Nov 03
TDA8761 PHILIPS-TDA8761 Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
logo
Texas Instruments
ADS1148-Q1 TI1-ADS1148-Q1 Datasheet
1Mb / 80P
[Old version datasheet]   Automotive,16-Bit, 2-kSPS, Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com