Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2827DWTR-1G4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC2827DWTR-1G4
Description  BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2827DWTR-1G4 Datasheet(HTML) 3 Page - Texas Instruments

  UC2827DWTR-1G4 Datasheet HTML 1Page - Texas Instruments UC2827DWTR-1G4 Datasheet HTML 2Page - Texas Instruments UC2827DWTR-1G4 Datasheet HTML 3Page - Texas Instruments UC2827DWTR-1G4 Datasheet HTML 4Page - Texas Instruments UC2827DWTR-1G4 Datasheet HTML 5Page - Texas Instruments UC2827DWTR-1G4 Datasheet HTML 6Page - Texas Instruments UC2827DWTR-1G4 Datasheet HTML 7Page - Texas Instruments UC2827DWTR-1G4 Datasheet HTML 8Page - Texas Instruments UC2827DWTR-1G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
UC2827-1, UC2827-2
UC3827-1, UC3827-2
www.ti.com
SLUS365D
– APRIL 1999 – REVISED APRIL 2011
ABSOLUTE MAXIMUM RATINGS
(1)
UC2827-1
UC2827-2
UNITS
UC3827-1
UC3827-2
Supply voltage, VCC
20
CEAO, CEA+, CEA-, CSAO, CSA+, CSA-, CT, DELAY, PUSH, PULL,
–0.3 to 5
RAMP, RT, SS, SYNC, VEA+, VEAO,
V
Input voltage range
V+ and BUCK
90
SRC
90-VCC
I/O continuous
±250
mA
BUCK driver
I/O peak
±1
A
I/O continuous
±200
mA
PUSH/PULL driver
I/O peak
±0.8
A
Storage temperature
–65 to 150
Junction temperature
–55 to 150
°C
Lead temperature (soldering, 10 sec)
300
(1)
Voltages are referenced to ground. Currents are positive into, negative out of the specified terminal. Consult Packaging section of
databook for thermal limitations and considerations of packages.
ELECTRICAL CHARACTERISTICS
Unless otherwise spsecified, VVCC = 15 V, VV+ = 14.3 V, CCT = 340 pF, RRT = 10 kΩ, RDELAY = 24.3 kΩ, VSRC = VGND = VBUCK=
VPUSH = VPULL outputs no load, TJ = TA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VCC UVLO, Turn-on
8.3
8.8
9.5
V
Hysteresis
0.9
1.2
1.5
V
IVCC
Supply current start
VVCC = 8 V
1000
µA
IVCC
Supply current run
32
45
mA
IV+ buck high
0.2
1
2
mA
VOLTAGE ERROR AMPLIFIER
IB
0.5
3
µA
VIO
10
mV
AVOL
80
95
dB
GBW(1)
Gain bandwidth
1
4
MHz
VOL
Low-level output voltage
IVEAO = 0 µA (No load)
0.3
0.5
V
VOH
High-level output voltage
IVEAO = 0 µA (No load)
2.85
3
3.20
V
CURRENT SENSE AMPLIFIER
IB
–1
–5
µA
VIO
5
mV
AVOL
80
110
dB
GBW (1)
Gain bandwidth
15
29
MHz
VOL
Low-level output voltage
ICEAO = 0 µA (No load)
0.25
0.5
V
VOH
High-level output voltage
ICEAO = 0 µA (No load)
3
3.3
V
CMRR
Common mode range(1)
-0.3
2
V
(1)
Ensured by design. Not production tested.
Copyright
© 1999–2011, Texas Instruments Incorporated
3


Similar Part No. - UC2827DWTR-1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2827DWTR-1 TI-UC2827DWTR-1 Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
More results

Similar Description - UC2827DWTR-1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
   Current-Fed PWM Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com