Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3637DW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC3637DW
Description  Switched Mode Controller for DC Motor Drive
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3637DW Datasheet(HTML) 3 Page - Texas Instruments

  UC3637DW Datasheet HTML 1Page - Texas Instruments UC3637DW Datasheet HTML 2Page - Texas Instruments UC3637DW Datasheet HTML 3Page - Texas Instruments UC3637DW Datasheet HTML 4Page - Texas Instruments UC3637DW Datasheet HTML 5Page - Texas Instruments UC3637DW Datasheet HTML 6Page - Texas Instruments UC3637DW Datasheet HTML 7Page - Texas Instruments UC3637DW Datasheet HTML 8Page - Texas Instruments UC3637DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS:
PARAMETERS
TEST CONDITIONS
UC1637/UC2637
UC3637
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Error Amplifier (Continued)
Output Sink Current
VPIN 17 = 0V
-50
-20
-50
-20
mA
Output Source Current
VPIN 17 = 0V
5
11
5
11
mA
High Level Output Voltage
13
13.6
13
13.6
V
Low Level Output Voltage
-14.8
-13
-14.8
-13
V
PWM Comparators
Input Offset Voltage
VCM = 0V
20
20
mV
Input Bias Current
VCM = 0V
2
10
2
10
µA
Input Hysteresis
VCM = 0V
10
10
mV
Common Mode range
VS =
±5V to ±20V
-VS+1
+VS-2
-VS+1
+VS-2
V
Current Limit
Input Offset Voltage
VCM = 0V, TJ = 25°C
190
200
210
180
200
220
mV
Input Offset Voltage T.C.
-0.2
-0.2
mV/°C
Input Bias Current
-10
-1.5
-10
-1.5
µA
Common Mode Range
VS =
±2.5V to ±20V
-VS
+VS-3
-VS
+VS-3
V
Shutdown
Shutdown Threshold
(Note 4)
-2.3
-2.5
-2.7
-2.3
-2.5
-2.7
V
Hysteresis
40
40
mV
Input Bias Current
VPIN 14 = +VS to -VS
-10
-0.5
-10
-0.5
µA
Under-Voltage Lockout
Start Threshold
(Note 5)
4.15
5.0
4.15
5.0
V
Hysteresis
0.25
0.25
mV
Total Standby Current
Supply Current
8.5
15
8.5
15
mA
Output Section
Output Low Level
ISINK = 20mA
-14.9
-13
-14.9
-13
V
ISINK = 100mA
-14.5
-13
-14.5
-13
Output High Level
ISOURCE = 20mA
13
13.5
13
13.5
V
ISOURCE = 100mA
12
13.5
12
13.5
Rise Time
(Note 3) CL = Inf, TJ = 25°C
100
600
100
600
ns
Fall Time
(Note 3) CL = Inf, TJ = 25°C
100
300
100
300
ns
Note 3: These parameters, although guaranteed over the recommended operating conditions, are not 100% tested in production.
Note 4: Parameter measured with respect to +VS (Pin 6).
Note 5: Parameter measured at +VS (Pin 6) with respect to -VS (Pin 5).
Note 6: RT and CT referenced to Ground.
UC1637
UC2637
UC3637
FUNCTIONAL DESCRIPTION
Following is a description of each of the functional blocks
shown in the Block Diagram.
Oscillator
The oscillator consists of two comparators, a charging
and discharging current source, a current source set ter-
minal, lSET and a flip-flop. The upper and lower threshold
of the oscillator waveform is set externally by applying a
voltage at pins +VTH and -VTH respectively. The +VTH ter-
minal voltage is buffered internally and also applied to the
lSET terminal to develop the capacitor charging current
through RT. If RT is referenced to -VS as shown in Figure
1, both the threshold voltage and charging current will
vary proportionally to the supply differential, and the oscil-
lator frequency will remain constant. The triangle wave-
form oscillators frequency and voltage amplitude is
determined by the external components using the formulas
given in Figure 1.
Unless otherwise stated, these specifications apply for TA = -55°C to +125°C for the
UC1637; -25°C to +85°C for the UC2637; and 0°C to +70°C for the UC3637: VS =
+15V, -VS = - 15V, +VTH = 5V, -VTH = -5V, RT = 16.7k
Ω, CT = 1500pF, TA=TJ.
3


Similar Part No. - UC3637DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3637DW TI-UC3637DW Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC3637DW TI1-UC3637DW Datasheet
908Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC3637DWTR TI-UC3637DWTR Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC3637DWTR TI1-UC3637DWTR Datasheet
908Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC3637DWTRG4 TI-UC3637DWTRG4 Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
More results

Similar Description - UC3637DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1637L883B TI-UC1637L883B Datasheet
337Kb / 7P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI-UC1637 Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637_17 Datasheet
908Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637-SP TI1-UC1637-SP Datasheet
363Kb / 11P
[Old version datasheet]   RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE
logo
International Rectifier
IRLS4030TRLPBF IRF-IRLS4030TRLPBF Datasheet
388Kb / 10P
   DC Motor Drive
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
List of Unclassifed Man...
BD5-G2-AH ETC2-BD5-G2-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 60W motor
BD5-G1-AH ETC2-BD5-G1-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 30W 42mm motor
logo
ELMOS Semiconductor AG
E522.31 ELMOS-E522.31_16 Datasheet
504Kb / 20P
   CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
logo
List of Unclassifed Man...
BD5-G3-AH ETC2-BD5-G3-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 90W motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com