Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2827DW-2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC2827DW-2
Description  BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2827DW-2 Datasheet(HTML) 1 Page - Texas Instruments

  UC2827DW-2 Datasheet HTML 1Page - Texas Instruments UC2827DW-2 Datasheet HTML 2Page - Texas Instruments UC2827DW-2 Datasheet HTML 3Page - Texas Instruments UC2827DW-2 Datasheet HTML 4Page - Texas Instruments UC2827DW-2 Datasheet HTML 5Page - Texas Instruments UC2827DW-2 Datasheet HTML 6Page - Texas Instruments UC2827DW-2 Datasheet HTML 7Page - Texas Instruments UC2827DW-2 Datasheet HTML 8Page - Texas Instruments UC2827DW-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RD
Q
S
20
DELAY
23
GND 11
VCC
REF 15
RT 17
CT 18
SYNC 19
CSA− 9
CSA+ 8
SS 4
CSAO 7
CEA− 13
VEA− 16
VEA+ 14
22
24
3
2
1
RAMP
CEA+
12
CEAO
VEAO
10
PULL
PGND
PUSH
SRC
BUCK
V+
DELAY
DELAY
T
Q
Q
REF
&
UVLO
SS
INHBT
UV
OSC
500 kHz
MAX
6
5
21
Current Sense
Amplifier
ILIM Comparator
+3 V
Current Error
Amplifier
PWM Comparator
0.7 V
Flying
Driver
Push/Pull
Drivers
OSC
UVLO
Voltage Error
Amplifier
UC2827-1, UC2827-2
UC3827-1, UC3827-2
www.ti.com
SLUS365D
– APRIL 1999 – REVISED APRIL 2011
BUCK CURRENT/VOLTAGE FED PUSH-PULL
PWM CONTROLLERS
Check for Samples: UC2827-1, UC2827-2, UC3827-1, UC3827-2
1
FEATURES
DESCRIPTION
Ideal for Multiple Output and/or High
The UC3827 family of controller devices provides an
Voltage Output Voltage Converters
integrated control solution for cascaded buck and
Up to 500 kHz Operation
push-pull converters. These converters are known as
High Voltage, High Current Floating
current fed or voltage fed push-pull converters and
Driver for Buck Converter Stage
are ideally suited for multiple output and/or high
voltage output applications. In both current fed and
UC3827-1 Current Fed Controller has
voltage fed modes, the push-pull switches are driven
Push-Pull Drivers with Overlapping
at 50% nominal duty cycles and at one half the
Conduction Periods
switching frequency of the buck stage. In the current
UC3827-2 Voltage Fed Controller has
fed mode, the two switches are driven with a
Push-Pull Drivers with Nonoverlapping
specified over-lap period to prevent ringing and
Conduction Periods
voltage stress on the devices. In the voltage fed
mode, the two switches are driven with a specified
Average Current Mode, Peak Current
gap time between the switches to prevent shorting
Mode or Voltage Mode with Input
the transformer across the energy storage capacitor
Voltage Feedforward Control for Buck
and to prohibit excessive currents flowing through the
Power Stage
devices.
Wide Bandwidth, Low Offset,
The converter
's output voltage is regulated by pulse
Differential Current Sense Amplifier
width modulation of the buck switch. The UC3827
Precise Short Circuit Current Control
contains
complete
protection
and
PWM
control
functions for the buck converter. Easy control of the
floating switch is accomplished by the floating drive
circuitry. The gate drive waveform is level shifted to
support an input voltage up to 72 VDC.
BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 1999–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UC2827DW-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2827DW-2 TI-UC2827DW-2 Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827DW-2G4 TI-UC2827DW-2G4 Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
More results

Similar Description - UC2827DW-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
   Current-Fed PWM Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com