Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2827DW-2 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UC2827DW-2
Description  BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2827DW-2 Datasheet(HTML) 4 Page - Texas Instruments

  UC2827DW-2 Datasheet HTML 1Page - Texas Instruments UC2827DW-2 Datasheet HTML 2Page - Texas Instruments UC2827DW-2 Datasheet HTML 3Page - Texas Instruments UC2827DW-2 Datasheet HTML 4Page - Texas Instruments UC2827DW-2 Datasheet HTML 5Page - Texas Instruments UC2827DW-2 Datasheet HTML 6Page - Texas Instruments UC2827DW-2 Datasheet HTML 7Page - Texas Instruments UC2827DW-2 Datasheet HTML 8Page - Texas Instruments UC2827DW-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UC2827-1, UC2827-2
UC3827-1, UC3827-2
SLUS365D
– APRIL 1999 – REVISED APRIL 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise spsecified, VVCC = 15 V, VV+ = 14.3 V, CCT = 340 pF, RRT = 10 kΩ, RDELAY = 24.3 kΩ, VSRC = VGND = VBUCK=
VPUSH = VPULL outputs no load, TJ = TA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT ERROR AMPLIFIER
IB
–1
–5
µA
VIO
10
mV
AVOL
80
110
dB
GBW(2)
Gain bandwidth
At 100 kHz, Measure Gain
2
4.5
MHz
VOL
ICEAO = 0 µA (No Load)
0.25
0.5
V
VOH
ICEAO = 0 µA (No Load)
3.3
3.5
V
CMRR
Common mode range(2)
-0.3
5
V
OSCILLATOR SECTION
fOSC
Frequency
180
220
250
kHz
ICT(dsch)
CT discharge current
3.5V at CT when CT removed
5
mA
PWM COMPARATOR
DMAX
Minimum duty cycle
200 kHz
0%
DMAX
Maximum duty cycle
200 kHz
85%
91%
95%
BUCK OUTPUT STAGE
tRISE
Rise time
1 nF Load(3)
40
100
ns
tFALL
Fall tIme
1 nF, Load
30
80
ns
IBUCK = –15 mA , V+ –BUCK
(4)
1.5
2.5
V
VOH
High-level output voltage
IBUCK =
–150 mA, V+ –BUCK (4)
2
2.5
V
IBUCK = 15 mA
(5)
0.2
0.4
V
VOL
Low-level output voltage
IBUCK = 150 mA
(5)
0.7
1.2
V
PUSH/PULL OUTPUT STAGES
tRISE
Rise time
1 nF load
50
100
ns
tFALL
Fall tIme
1 nF load
35
100
ns
Overlap time
UCx827-1
1 nF loads(6)
100
250
400
ns
Nonoverlapping time (7)
UCx827-2
100
250
500
ns
IPUSH/PULL = –10 mA, VCC – PUSH
2
3
V
(8)
VOH
High-level output voltage
IPUSH/PULL = –100 mA, VCC –
2.5
3
V
PUSH(8)
IPUSH/PULL = 10 mA
(8)
0.2
0.8
V
VOL
Low-level output voltage
IPUSH/PULL = 100 mA
(8)
0.6
1.2
V
REFERENCE
Reference voltage
4.8
5
5.2
V
ISC
Shor-circuit current
VREF = 0V
–35
–50
–65
mA
Line regulation
0.5V
< VVCC < 20 V
5
20
mV
Load regulation
0 mA
< IIO < 10 mA
8
20
mV
SOFT START
VOL
Low-level output voltage saturation
VVCC = 7 V
250
500
mV
ISS
Soft-start current
–5
–12
–25
µA
(2)
Ensured by design. Not production tested.
(3)
Measure the rise time from when BUCK crosses 1 V until it crosses 9 V.
(4)
To force BUCK high, force VCSAO=2.5 V, VCEAO = 2.5 V, a 25-kΩ pulldown resistor from RAMP to ground, and VCT = 0.5 V.
(5)
To force BUCK low, force VCSAO = 2.5 V, VCEAO = 2.5 V, a 10-kΩ pulldown resistor from RAMP to ground, and VCT = 3.5 V.
(6)
The overlap time is measured from the point at which the rising edge of PUSH/PULL crosses 5 V until the falling edge of PULL/PUSH
crosses 5V.
(7)
The non-overlap time is measured from the point at which the falling edge of PUSH/PULL crosses 5 V until the rising edge of
PULL/PUSH crosses 5 V.
(8)
To toggle PUSH or PULL into a desired state, pulse CT from 0.5 V to 3.5 V. PUSH and PULL toggle on the rising edge of CT.
4
Copyright
© 1999–2011, Texas Instruments Incorporated


Similar Part No. - UC2827DW-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2827DW-2 TI-UC2827DW-2 Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827DW-2G4 TI-UC2827DW-2G4 Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
More results

Similar Description - UC2827DW-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
   Current-Fed PWM Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com