Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1845 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UC1845
Description  Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1845 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC1845 Datasheet HTML 4Page - Texas Instruments UC1845 Datasheet HTML 5Page - Texas Instruments UC1845 Datasheet HTML 6Page - Texas Instruments UC1845 Datasheet HTML 7Page - Texas Instruments UC1845 Datasheet HTML 8Page - Texas Instruments UC1845 Datasheet HTML 9Page - Texas Instruments UC1845 Datasheet HTML 10Page - Texas Instruments UC1845 Datasheet HTML 11Page - Texas Instruments UC1845 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
8
UC1842, UC2842, UC3842, UC1843, UC2843, UC3843
UC1844, UC2844, UC3844, UC1845, UC2845, UC3845
SLUS223D – APRIL 1997 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: UC1842 UC2842 UC3842 UC1843 UC2843 UC3843 UC1844 UC2844 UC3844 UC1845
UC2845 UC3845
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted) –55°C
≤ TA ≤ 125°C for the UC184x; –40°C ≤ TA ≤ 85°C
for the UC284x, 0°C
≤ TA ≤ 70°C for the UC384x, VVCC = 15 V
(1); 0.1 µF capacitor from VCC to GROUND, 0.1 µF capacitor
from VREF to GROUND, RRT = 10 kΩ; CCT = 3.3 nF, TJ = TA.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
Parameter measured at trip point of latch with VFB = 0 V.
(6)
Gain defined as: A = ΔVCOMP/ΔVISENSE, 0 V ≤ VISENSE ≤ 0.8 V.
VCOMP
High
High-level output voltage
VVFB = 2.3 V, RL = 15-kΩ COMP to GROUND
5
6
V
VCOMP
Low
Low-level output voltage
VVFB = 2.7 V, RL = 15-kΩ COMP to VREF
0.7
1.1
CURRENT SENSE SECTION
ACS
Gain
See (5) (6)
2.85
3
3.15
V/V
VISENSE
Maximum input signal
VCOMP = 5 V
(5)
0.9
1
1.1
V
PSRR
Power supply rejection ratio
12 V
≤ VVCC ≤ 25 V
(2) (5)
70
dB
IISENSE
Input bias current
–2
–10
µA
tDLY
Delay to output
VISENSE stepped from 0 V to 2 V
(2)
150
300
ns
OUTPUT SECTION
VOUT Low
Low-level OUTPUT voltage
ISINK = 20 mA
0.1
0.4
V
ISINK = 200 mA
1.5
2.2
VOUT High High-level OUTPUT voltage
ISOURCE = 20 mA
13
13.5
V
ISOURCE = 200 mA
12
13.5
tRISE
Rise time (2)
COUTPUT = 1 nF, TJ = 25°C
50
150
ns
tFALL
Fall time (2)
COUTPUT = 1 nF, TJ = 25°C,
50
150
ns
UNDERVOLTAGE LOCKOUT (UVLO)
VCCON
Enable threshold
UCx842/4
UC184x
and
UC284x
15
16
17
V
UCx843/5
UC384x
14.5
16
17.5
UCx843/5
7.8
8.4
9
VCCOFF
UVLO off threshold
UCx842/4
UC184x
and
UC284x
9
10
11
V
UCx843/5
UC384x
8.5
10
11.5
UCx843/5
7
7.6
8.2
PWM
DMAX
Maximum duty cycle
UCx842/3
95%
97%
100%
UCx844/5
UC184x
and
UC284x
46%
48%
50%
UC384x
47%
48%
50%
DMIN
Minimum duty cycle
0%
TOTAL STANDBY CURRENT
IVCC
Start-up current
0.5
1
mA
IVCC
Operating supply current
VVFB = VISENSE= 0 V
11
17
VCC Zener voltage
IVCC = 25 mA
30
34
V


Similar Part No. - UC1845

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1845 TI-UC1845 Datasheet
433Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
UC1845 TI-UC1845 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC1845 TI-UC1845 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845 TI-UC1845 Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845 TI-UC1845 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC1845

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com