Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXV5004G6T1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPXV5004G6T1
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV5004G6T1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPXV5004G6T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV5004G6T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV5004G6T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV5004G6T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV5004G6T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV5004G6T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV5004G6T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV5004G6T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV5004G6T1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Sensors
Freescale Semiconductor
3
MPXV5004G
ON-CHIP TEMPERATURE COMPENSATION, CALIBRATION AND SIGNAL CONDITIONING
The performance over temperature is achieved by
integrating the shear-stress strain gauge, temperature
compensation, calibration and signal conditioning circuitry
onto a single monolithic chip.
Figure 2 illustrates the gauge configuration in the basic
chip carrier (Case 482). A fluorosilicone gel isolates the die
surface and wire bonds from the environment, while allowing
the pressure signal to be transmitted to the silicon diaphragm.
The MPXV5004G series sensor operating characteristics
are based on use of dry air as pressure media. Media, other
than dry air, may have adverse effects on sensor
performance and long-term reliability. Internal reliability and
qualification test for dry air, and other media, are available
from the factory. Contact the factory for information regarding
media tolerance in your application.
Figure 3 shows the recommended decoupling circuit for
interfacing the output of the MPXV5004G to the A/D input of
the microprocessor or microcontroller. Proper decoupling of
the power supply is recommended.
Figure 4 shows the sensor output signal relative to
pressure input. Typical, minimum and maximum output
curves are shown for operation over a temperature range of
10
°C to 60°C using the decoupling circuit shown in Figure 3
The output will saturate outside of the specified pressure
range.
Figure 2. Cross-Sectional Diagram (Not to Scale)
Figure 3. Recommended Power Supply Decoupling and
Output Filtering.
(For additional output filtering, please refer to Application
Note AN1646.)
Figure 4. Output versus Pressure Differential
(See Note 5 in Operating Characteristics)
Fluorosilicone
Gel Die Coat
Wire Bond
Die
P1
Stainless
Steel Cap
Thermoplastic
Case
Die Bond
Differential Sensing
Element
P2
Lead Frame
+5 V
1.0
µF
0.01
µF
470 pF
GND
Vs
Vout
IPS
OUTPUT
5.0
4.0
2.0
3.0
1.0
Max
Min
Typical
2 kPa
200 mm H2O
4 kPa
400 mm H2O
TRANSFER FUNCTION:
Vout = VS*[(0.2*P) + 0.2] ± 1.5% VFSS
VS = 5.0 V ± 0.25 Vdc
TEMP = 10 to 60
°C


Similar Part No. - MPXV5004G6T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXV5004G6T1 MOTOROLA-MPXV5004G6T1 Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPXV5004G6T1 FREESCALE-MPXV5004G6T1 Datasheet
387Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MPXV5004G6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5999D FREESCALE-MPX5999D Datasheet
165Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004G FREESCALE-MP3V5004G_10 Datasheet
332Kb / 14P
   Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100 FREESCALE-MPX5100_10 Datasheet
356Kb / 17P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7007 FREESCALE-MPXV7007 Datasheet
141Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com