Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1726 Datasheet(PDF) 2 Page - Texas Instruments

Part # UC1726
Description  Isolated Drive Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1726 Datasheet(HTML) 2 Page - Texas Instruments

  UC1726 Datasheet HTML 1Page - Texas Instruments UC1726 Datasheet HTML 2Page - Texas Instruments UC1726 Datasheet HTML 3Page - Texas Instruments UC1726 Datasheet HTML 4Page - Texas Instruments UC1726 Datasheet HTML 5Page - Texas Instruments UC1726 Datasheet HTML 6Page - Texas Instruments UC1726 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CONNECTION DIAGRAMS
UC1726
UC2726
UC3726
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Source/Sink Current (Pulsed). . . . . . . . . . . . . . . . . . . . . . 1.5A
Source/Sink Current (Continuous) . . . . . . . . . . . . . . . . . . 1.0A
Output Voltage (pins 12, 14). . . . . . . . . .
−0.3 to (VCC + 0.3)V
CF, FRESET, FAULT, SHTDWN,
FLATCH, VL, PHI, RT . . . . . . . . . . . . . . . . . . . . . . .
−0.3 to 6.0V
CT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 to 6.0V
Operating Junction Temperature (Note 2) . . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . .
−65°C to 150°C
Lead Temperature (Soldering, 10 seconds). . . . . . . . . 300
°C
Note 1: All voltages are with respect to GND (Pin 2); all
currents are positive into, negative out of part.
Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +9 to +35.0V
Sink/Source Current (each output) . . . . . . . . . . . . . . . 0 to 750mA
Timing Resistor . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4k to 200k
Timing Capacitor (CT). . . . . . . . . . . . . . . . . . . . . . . 75pF to 2.0nF
Timing Capacitor (CF). . . . . . . . . . . . . . . . . . . . . . . 75pF to 3.0nF
Note 2: See Unitrode Integrated Circuits databook for information
regarding thermal specifications and limitations of
packages.
Note 3: Range over which the device is functional and parameter
limits are guaranteed.
RECOMMENDED OPERATING CONDITIONS (Note 3)
DIL-16 (Top View)
N Package
DIL-16 (Top View)
SP Package
DIL-18 (Top View)
J Package
SOIC-28 (Top View)
DWP Package
PACKAGE PIN FUNCTION
FUNCTION
PIN
GND
1
CT
2
N/C
3-4
RT
5
SHTDWN
6
VL
7
VCC
8
N/C
9
PVCC
10
OUTB
11
PGND
12-18
GND
19
OUTA
20
PHI
21
FLATCH
22
FRESET
23
FAULT
24
N/C
25
CF
26
N/C
27
N/C
28
PLCC-28 (Top View)
QP Package
2


Similar Part No. - UC1726

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1726 TI-UC1726 Datasheet
333Kb / 6P
[Old version datasheet]   Isolated Drive Transmitter
More results

Similar Description - UC1726

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1724 TI-UC1724 Datasheet
264Kb / 4P
[Old version datasheet]   Isolated Drive Transmitter
UC1726 TI-UC1726 Datasheet
333Kb / 6P
[Old version datasheet]   Isolated Drive Transmitter
UC1724 TI1-UC1724_08 Datasheet
291Kb / 5P
[Old version datasheet]   Isolated Drive Transmitter
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TA100PW MORNSUN-TA100PW Datasheet
345Kb / 5P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com