Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXV5004G6U Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPXV5004G6U
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV5004G6U Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPXV5004G6U Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV5004G6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV5004G6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV5004G6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV5004G6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV5004G6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV5004G6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV5004G6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV5004G6U Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Sensors
Freescale Semiconductor
5
MPXV5004G
PACKAGE DIMENSIONS
S
D 8 PL
G
4
5
8
1
S
B
M
0.25 (0.010)
A S
T
-A-
-B-
N
C
M
J
K
PIN 1 IDENTIFIER
H
SEATING
PLANE
-T-
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
10.54
0.425
0.415
10.79
B
10.54
0.425
0.415
10.79
C
5.38
0.230
0.212
5.84
D
0.96
0.042
0.038
1.07
G
0.100 BSC
2.54 BSC
H
0.002
0.010
0.05
0.25
J
0.009
0.011
0.23
0.28
K
0.061
0.071
1.55
1.80
M
N
0.405
0.415
10.29
10.54
S
0.709
0.725
18.01
18.41
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006).
5. ALL VERTICAL SURFACES 5˚ TYPICAL DRAFT.
CASE 482-01
ISSUE O
SMALL OUTLINE PACKAGE
SURFACE MOUNT
PIN 1 IDENTIFIER
H
SEATING
PLANE
-T-
W
C
M
J
K
V
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
10.54
0.425
0.415
10.79
B
10.54
0.425
0.415
10.79
C
12.70
0.520
0.500
13.21
D
0.96
0.042
0.038
1.07
G
0.100 BSC
2.54 BSC
H
0.002
0.010
0.05
0.25
J
0.009
0.011
0.23
0.28
K
0.061
0.071
1.55
1.80
M
N
0.444
0.448
11.28
11.38
S
0.709
0.725
18.01
18.41
V
0.245
0.255
6.22
6.48
W
0.115
0.125
2.92
3.17
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006).
5. ALL VERTICAL SURFACES 5˚ TYPICAL DRAFT.
S
D 8 PL
G
4
5
8
1
S
B
M
0.25 (0.010)
A
T
-A-
-B-
N
S
CASE 482A-01
ISSUE A
SMALL OUTLINE PACKAGE
SURFACE MOUNT


Similar Part No. - MPXV5004G6U

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXV5004G6U MOTOROLA-MPXV5004G6U Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPXV5004G6U FREESCALE-MPXV5004G6U Datasheet
387Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MPXV5004G6U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5999D FREESCALE-MPX5999D Datasheet
165Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004G FREESCALE-MP3V5004G_10 Datasheet
332Kb / 14P
   Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100 FREESCALE-MPX5100_10 Datasheet
356Kb / 17P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7007 FREESCALE-MPXV7007 Datasheet
141Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com