Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2548 Datasheet(PDF) 3 Page - Texas Instruments

Part # UC2548
Description  Primary Side PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2548 Datasheet(HTML) 3 Page - Texas Instruments

  UC2548 Datasheet HTML 1Page - Texas Instruments UC2548 Datasheet HTML 2Page - Texas Instruments UC2548 Datasheet HTML 3Page - Texas Instruments UC2548 Datasheet HTML 4Page - Texas Instruments UC2548 Datasheet HTML 5Page - Texas Instruments UC2548 Datasheet HTML 6Page - Texas Instruments UC2548 Datasheet HTML 7Page - Texas Instruments UC2548 Datasheet HTML 8Page - Texas Instruments UC2548 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UC1548
UC2548
UC3548
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Duty Cycle Clamp
Max Duty Cycle
V(DMAX) = 0.75
• VREF
73.5
76.5
79.5
%
VCC Comparator
Turn-on Threshold
13
14
V
Turn-off Threshold
910
V
Hysteresis
2.533.5
V
UV Comparator
Turn-on Threshold
4.14.354.6
V
RHYSTERESIS
Vuv = 4.2V
77
90
103
k
Reference
VREF
TA = 25
°C
4.95
5
5.05
V
0
< IO < 10mA, 12 < VCC < 20
4.93
5.07
V
Line Regulation
12V < VCC < 20V
4
15
mV
Load Regulation
0 < IO < 10mA
3
15
mV
Short Circuit Current
VREF = 0V
30
50
70
mA
Output Stage
Rise & Fall Time (Note 1)
Cl = 1nF
20
45
ns
Output Low Saturation
IO = 20mA
0.25
0.4
V
IO = 200mA
1.2
2.2
V
Output High Saturation
IO = -200mA
2.0
3.0
V
UVLO Output Low Saturation
IO = 20mA
0.8
1.2
V
ICC
ISTART
VCC = 12V
0.2
0.4
mA
ICC (pre-start)
VCC = 15V, V(UV) = 0
0.5
1
mA
ICC (run)
22
26
mA
Note 1: Guaranteed by design. Not 100% tested in production.
ELECTRICAL CHARACTERISTICS (cont.): Unless otherwise stated, all specifications are over the junction
temperature range of
−55°C to +125°C for the UC1548, −40°C to +85°C for the UC2548, and 0°C to +70°C for the UC3548. Test
conditions are: VCC = 12V, CT = 400pF, CI = 100pF, IOFF = 100
µA, CDC = 100nF, Cvs = 100pF, and Ivs = 400µA, TA = TJ.
CAO: Output of the current error amplifier. Also the
resistor load for the collector of an optocoupler.
CDC: Connect a charge balance integration capacitor
from CDC to GND to achieve an accurate duty cycle
clamp. This capacitor also sets the soft start time.
CI: Output of the inductor current waveform synthesizer.
Requires a capacitor to ground.
CT: A capacitor from CT to GND sets the oscillator
frequency.
DMAX: Programs maximum duty cycle with a resistive
divider from VREF to DMAX to GND.
GND: Signal ground.
INV: Inverting input of the current error amplifier.
IOFF: Programs the discharge slope of the capacitor on
CI to emulate the down slope of the inductor current
waveform.
ION: Input pin to inductor current waveform synthesizer.
Apply a voltage proportional to switch current to this pin.
NI: Noninverting input of the current error amplifier.
OUT: Output driver for the gate of a power FET.
PGND: Power ground pin for the output driver. This
ground circuit should be connected to GND at a single
point.
UV: Line voltage sense pin to insure the chip only
operates with sufficient line voltage. Program with a
resistive divider from the converter input voltage to UV
to GND.
VCC: Chip supply voltage. Bypass with a 1
µF ceramic
capacitor to PGND.
VREF: Precision voltage reference. Bypass with a 1
µF
ceramic capacitor to GND.
VS: Volt second clamp programming pin and feedforward
ramp waveform for the pulse width modulator. Connect a
resistor to the input line voltage and a capacitor to GND.
PIN DESCRIPTIONS
3


Similar Part No. - UC2548

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2548 TI-UC2548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
More results

Similar Description - UC2548

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
   Primary-side-control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com