Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR10 Datasheet(PDF) 1 Page - Rohm

Part # MCR10
Description  Thick film rectangular
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR10 Datasheet(HTML) 1 Page - Rohm

  MCR10 Datasheet HTML 1Page - Rohm MCR10 Datasheet HTML 2Page - Rohm MCR10 Datasheet HTML 3Page - Rohm MCR10 Datasheet HTML 4Page - Rohm MCR10 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MCR10
Resistors
1/5
Thick film rectangular
MCR10 (2012 size : 1 / 8W
)
!
Features
1) Power rating of 1 / 8W
2) Highly reliable chip resistor
Ruthenium oxide dielectric offers superior resistance to the elements.
3) Electrodes not corroded by soldering
Thick film makes the electrodes very strong.
4) Leading the world in development and mass production.
Since start of production in 1982 (first in the wold), this component has established a solid reputation as a general–
purpose chip resistor.
5) ROHM resistors have approved ISO–9001 certification.
Design and specifications are subject to change without notice. Carefully check the specification sheet before using or
ordering it.
!
Ratings
0.125W (1 / 8W)
−55°C ∼ + 155°C
at 70
°C
Item
Conditions
Specifications
Rated power
Rated voltage
Operating temperature
Nominal resistance
See Table 1.
Limiting element voltage
150V
0
20
40
60
80
100
−55
0
70
100
155
AMBIENT TEMPERATURE (
°C)
Fig.1
The voltage rating is calculated by the following equation.
If the value obtained exceeds the limiting element voltage,
the voltage rating is equal to the maximum operating voltage.
E: Rated voltage (V)
P: Rated power (W)
R: Nominal resistance (
Ω)
E= P
×R
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70
°C.


Similar Part No. - MCR10

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR10 ROHM-MCR10 Datasheet
83Kb / 6P
   Thick film rectangular
MCR10 ROHM-MCR10 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR10 ROHM-MCR10 Datasheet
56Kb / 5P
   Thick film rectangular Low resistance series
MCR10 ROHM-MCR10 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10 ROHM-MCR10 Datasheet
128Kb / 4P
   Compact Thick Film Chip Resistors
More results

Similar Description - MCR10

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01 ROHM-MCR01_1 Datasheet
81Kb / 6P
   Thick film rectangular
MCR10 ROHM-MCR10_1 Datasheet
83Kb / 6P
   Thick film rectangular
MCR18 ROHM-MCR18_1 Datasheet
85Kb / 6P
   Thick film rectangular
MCR006 ROHM-MCR006 Datasheet
62Kb / 5P
   Thick film rectangular
MCR01 ROHM-MCR01 Datasheet
93Kb / 6P
   Thick film rectangular
MCR18EZHJ000 ROHM-MCR18EZHJ000 Datasheet
108Kb / 6P
   Thick film rectangular
MCR10EZHF5102 ROHM-MCR10EZHF5102 Datasheet
102Kb / 5P
   Thick film rectangular
MCR18EZHJ115 ROHM-MCR18EZHJ115 Datasheet
108Kb / 6P
   Thick film rectangular
MCR10EZHJ680 ROHM-MCR10EZHJ680 Datasheet
102Kb / 5P
   Thick film rectangular
MCR18EZHF1501 ROHM-MCR18EZHF1501 Datasheet
108Kb / 6P
   Thick film rectangular
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com