Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1292BCEG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1292BCEG
Description  400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1292BCEG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1292BCEG Datasheet HTML 1Page - Maxim Integrated Products MAX1292BCEG Datasheet HTML 2Page - Maxim Integrated Products MAX1292BCEG Datasheet HTML 3Page - Maxim Integrated Products MAX1292BCEG Datasheet HTML 4Page - Maxim Integrated Products MAX1292BCEG Datasheet HTML 5Page - Maxim Integrated Products MAX1292BCEG Datasheet HTML 6Page - Maxim Integrated Products MAX1292BCEG Datasheet HTML 7Page - Maxim Integrated Products MAX1292BCEG Datasheet HTML 8Page - Maxim Integrated Products MAX1292BCEG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX1290/MAX1292 low-power, 12-bit analog-to-
digital converters (ADCs) feature a successive-approxi-
mation ADC, automatic power-down, fast wake-up
(2µs), an on-chip clock, +2.5V internal reference, and
a high-speed, byte-wide parallel interface. The devices
operate with a single +5V analog supply and feature a
VLOGIC pin that allows them to interface directly with a
+2.7V to +5.5V digital supply.
Power consumption is only 10mW (VDD = VLOGIC) at a
400ksps max sampling rate. Two software-selectable
power-down modes enable the MAX1290/MAX1292 to
be shut down between conversions; accessing the par-
allel interface returns them to normal operation.
Powering down between conversions can cut supply
current to under 10µA at reduced sampling rates.
Both devices offer software-configurable analog inputs
for unipolar/bipolar and single-ended/pseudo-differen-
tial operation. In single-ended mode, the MAX1290 has
eight input channels and the MAX1292 has four input
channels (four and two input channels, respectively,
when in pseudo-differential mode).
Excellent dynamic performance and low power, com-
bined with ease of use and small package size, make
these converters ideal for battery-powered and data-
acquisition applications or for other circuits with demand-
ing power consumption and space requirements.
The MAX1290/MAX1292 tri-states INT when CS goes
high. Refer to MAX1262/MAX1264 if tri-stating INT is not
desired.
The MAX1290 is available in a 28-pin QSOP package,
while the MAX1292 comes in a 24-pin QSOP. For pin-
compatible +3V, 12-bit versions, refer to the MAX1291/
MAX1293 data sheet.
Applications
Industrial Control Systems
Data Logging
Energy Management
Patient Monitoring
Data-Acquisition Systems
Touchscreens
Features
o 12-Bit Resolution, ±0.5 LSB Linearity
o +5V Single-Supply Operation
o User-Adjustable Logic Level (+2.7V to +5.5V)
o Internal +2.5V Reference
o Software-Configurable Analog Input Multiplexer
8-Channel Single-Ended/
4-Channel Pseudo-Differential (MAX1290)
4-Channel Single-Ended/
2-Channel Pseudo-Differential (MAX1292)
o Software-Configurable Unipolar/Bipolar Analog
Inputs
o Low Current: 2.5mA (400ksps)
1.0mA (100ksps)
400µA (10ksps)
2µA (Shutdown)
o Internal 6MHz Full-Power Bandwidth Track/Hold
o Byte-Wide Parallel (8 + 4) Interface
o Small Footprint: 28-Pin QSOP (MAX1290)
24-Pin QSOP (MAX1292)
400ksps, +5V, 8-/4-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
________________________________________________________________ Maxim Integrated Products
1
19-1531; Rev 3; 12/02
PART
MAX1290ACEI
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
28 QSOP
Ordering Information
Pin Configurations
±0.5
INL
(LSB)
MAX1290BCEI
0°C to +70°C
±1
28 QSOP
MAX1290BEEI
MAX1290AEEI
-40°C to +85°C
±1
-40°C to +85°C
±0.5
28 QSOP
28 QSOP
Ordering Information continued at end of data sheet.
Typical Operating Circuits appear at end of data sheet.
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
VLOGIC
VDD
REF
REFADJ
GND
COM
CH0
CH1
CH2
CH3
CS
CLK
WR
RD
INT
D0/D8
D1/D9
D2/D10
D3/D11
D4
D5
D6
D7
HBEN
QSOP
MAX1292
TOP VIEW
Pin Configurations continued at end of data sheet.
EVALUATION
KIT
AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1292BCEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1292 MAXIM-MAX1292 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1292EVKIT MAXIM-MAX1292EVKIT Datasheet
283Kb / 5P
   12-Bit Analog-to-Digital Conversion
Rev 1; 12/99
More results

Similar Description - MAX1292BCEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com