Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1292AEEG Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1292AEEG
Description  400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1292AEEG Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1292AEEG Datasheet HTML 3Page - Maxim Integrated Products MAX1292AEEG Datasheet HTML 4Page - Maxim Integrated Products MAX1292AEEG Datasheet HTML 5Page - Maxim Integrated Products MAX1292AEEG Datasheet HTML 6Page - Maxim Integrated Products MAX1292AEEG Datasheet HTML 7Page - Maxim Integrated Products MAX1292AEEG Datasheet HTML 8Page - Maxim Integrated Products MAX1292AEEG Datasheet HTML 9Page - Maxim Integrated Products MAX1292AEEG Datasheet HTML 10Page - Maxim Integrated Products MAX1292AEEG Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
400ksps, +5V, 8-/4-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
_______________________________________________________________________________________
7
2.48
2.49
2.51
2.50
2.52
2.53
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
VDD (V)
4.50
5.00
4.75
5.25
5.50
2.48
2.49
2.51
2.50
2.52
2.53
-40
10
-15
35
60
85
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
-1.0
0
-0.5
0.5
1.0
OFFSET ERROR vs. SUPPLY VOLTAGE
VDD (V)
4.50
5.00
4.75
5.25
5.50
-2
-1
0
1
2
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
-40
35
60
-15
10
85
-2
0
-1
1
2
GAIN ERROR vs. SUPPLY VOLTAGE
VDD (V)
4.50
5.00
4.75
5.25
5.50
0
0.5
1.0
1.5
2.0
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
-40
35
60
-15
10
85
50
150
100
200
250
LOGIC SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VDD (V)
4.50
5.00
4.75
5.25
5.50
Typical Operating Characteristics (continued)
(VDD = VLOGIC = +5V, VREF = +2.500V, fCLK = 7.6MHz, CL = 20pF, TA = +25°C, unless otherwise noted.)
0
50
150
100
200
250
-40
10
-15
35
60
85
LOGIC SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-140
-120
-100
-80
-60
-40
-20
0
20
0
400
200
600
800
1000
1200
FFT PLOT
FREQUENCY (kHz)
VDD = 5V
fIN = 50kHz
fSAMPLE = 400ksps


Similar Part No. - MAX1292AEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1292 MAXIM-MAX1292 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1292EVKIT MAXIM-MAX1292EVKIT Datasheet
283Kb / 5P
   12-Bit Analog-to-Digital Conversion
Rev 1; 12/99
More results

Similar Description - MAX1292AEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com