Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-7510 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-7510
Description  A New PSPICE Subcircuit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-7510 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-7510 Datasheet HTML 1Page - Fairchild Semiconductor AN-7510 Datasheet HTML 2Page - Fairchild Semiconductor AN-7510 Datasheet HTML 3Page - Fairchild Semiconductor AN-7510 Datasheet HTML 4Page - Fairchild Semiconductor AN-7510 Datasheet HTML 5Page - Fairchild Semiconductor AN-7510 Datasheet HTML 6Page - Fairchild Semiconductor AN-7510 Datasheet HTML 7Page - Fairchild Semiconductor AN-7510 Datasheet HTML 8Page - Fairchild Semiconductor AN-7510 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2002 Fairchild Semiconductor Corporation
Application Note 7510 Rev. A1
Driving constraints for this work were:
5. The SPICE device equations should not be modified.
6. Global temperature should be included.
7. All modes and levels of power MOSFET operation should
be modeled.
8. The sub-circuit should be empirically developed to
complement the device physics and the source code
algorithms.
9. The sub-circuit should be acceptable to a circuit design
user.
10. Parameter extraction should require little or no iteration.
Temperature Modeling
Use is made of voltage controlled voltage sources and
model statements in order to form master/slave circuit
relationships. In this manner, resistors can often be used to
establish a first and second order temperature correction
where direct PSpice algorithms will not permit thermal
modeling.
An Overview (Figure 1)
The primary device for gate controlled positive or negative
current flow is provided by Mos1 which is defined by the level
1 model MOSMOD. The second order effect of threshold
voltage is set by Mos2 combined with the voltage VTO.
Model MOSMOD also defines Mos2 but with a 1 percent
scaling.
It is necessary that RSOURCE and RDRAIN be provided as
separate resistors, rather than being included with the MOS-
FETs. In this manner, 1st and 2nd order temperature effects
may be added as described by model RDSMOD.
The thermal variation of KP as provided by the source code
is a satisfactory representation. However, the threshold
voltage of Mos1 must be modified by the voltage dependent
voltage source EVTO. EVTO provides an additive or subtrac-
tive voltage in series with the gate as a function of tempera-
ture. It is equal to the sum of VBAT and the product of It and
RVTO. Temperature variation is provided by model RVTO-
MOD.
Avalanche breakdown of the MOSFET is provided by the
clamp circuit of DBREAK in series with EBREAK. The value of
EBREAK is provided by the multiplier of EBREAK and the
product of It times RBREAK. Temperature variation is pro-
vided by model RBKMOD. High current voltage drops are
provided by RS of the model DBKMOD including thermal
sensitivity.
The power MOSFET being modelled contains a third quad-
rant diode as a fabrication consequence, and it is repre-
sented by DBODY. Model DBDMOD provides the leakage
current IS, the transit time for stored charge effects TT, the
body diode series resistance RS, temperature dependence
of this resistor TRS1 and TRS2, and the MOSFET output
capacitance CJO.
The inductances associated with the device terminals are
represented by LSOURCE, LGATE, and LDRAIN.
The effective series resistance associated with the gate is
modelled by the resistor RGATE.
A gate to source input capacitance is represented by CIN.
MOSFET output capacitance is provided by model DBD-
MOD as described above. Feedback capacitance is provided
by DPLCAP as defined by model DPLCAPMOD. A diode was
used for this function to provide a square root dependency
with drain to source voltage. The voltage dependent voltage
generator ESG is added to assure that the drain to source
voltage is imposed across the feedback capacitor while forc-
ing the feedback current flow into the gate node. It is further
necessary that the ideality factor N of model DPLCAPMOD
be made large to exclude forward diode conduction during
third quadrant operation of the MOSFET.
A capacitor CA is switched in parallel with CIN when the gate
to source voltage becomes sufficiently negative. This switch-
ing is implemented by the switch S1A. Model S1AMOD
defines the switch closed resistance, open resistance, and
the gate to source voltages through which the fully on to fully
off transition occurs. During this transition, switch S1B also
transitions from fully off to fully on. Switch S1B is defined by
model S1BMOD. Voltage controlled voltage generator EGS
provides the proper charge state for CA when switch S1A is
open.
In a similar manner, the capacitor CB is switched in parallel
with CIN when the drain to gate voltage becomes negative.
Switch S2A is defined by model S2AMOD for the on resis-
tance, off resistance, and drain to gate voltage transition
range. During this transition switch S2B also transitions as
defined by model S2BMOD. Voltage controlled voltage gen-
erators EDS and EGS provide the proper charge state for CB
when switch S2A is open.
In order to facilitate DC convergence, PSPICE provides a
minimum conductance between all nodes as defined by the
PSPICE analysis options. In order to assure that a floating
gate initial condition will not exist should a modeler drive
from a current source, a very large gate to source resistor
RIN is added. Inclusion of RIN is recommended but not
required.
All sub-circuit elements are treated as being independent of
temperature if they are not otherwise defined.
Gate propagation effects [15], radiation effects, and inherent
VDMOS design deficiencies are not modelled. This is
discussed later.
All discussions apply equally to P channel although N
channel is discussed exclusively.
Applications
The sub-circuit combined with external circuitry may be
analyzed for many responses. Three circuits are modelled to
demonstrate the capability of the PSPICE sub-circuit model.
A synchronous rectifier producing 100 watts at 5 volts DC
from a 100KHz square wave demonstrates the ability to
handle the first and third quadrant regimes of two MOSFETs,
including conversion efficiency versus temperature. Calcu-
lated waveforms are presented, but they are unsupported by
measured data. The diode recovery waveform is modelled
Application Note 7510


Similar Part No. - AN-7510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-7514 FAIRCHILD-AN-7514 Datasheet
607Kb / 4P
   Single-Pulse Unclamped Inductive Switching
AN-7515 FAIRCHILD-AN-7515 Datasheet
549Kb / 7P
   Combined Single-Pulse and Repetitive UIS Rating System
AN-7517 FAIRCHILD-AN-7517 Datasheet
109Kb / 8P
   Practical Aspects
More results

Similar Description - AN-7510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7532 FAIRCHILD-7532 Datasheet
123Kb / 15P
   A New PSPICE Electro-Thermal Subcircuit
7534 FAIRCHILD-7534 Datasheet
131Kb / 16P
   A New PSPICE Electro-Thermal Subcircuit
logo
National Semiconductor ...
AN-242 NSC-AN-242 Datasheet
267Kb / 16P
   Applying a New Precision Op Amp
logo
STMicroelectronics
AN2777 STMICROELECTRONICS-AN2777 Datasheet
309Kb / 13P
   A new high-temperature TRIAC family
TN0885 STMICROELECTRONICS-TN0885 Datasheet
423Kb / 6P
   STMicroelectronics has introduced a new package family
logo
ASM GmbH
9322 ASM-SENSOR-9322 Datasheet
701Kb / 2P
   Introducing a new 3-function universal probe
logo
Vishay Siliconix
VSKT152 VISHAY-VSKT152 Datasheet
199Kb / 8P
   Thyristor/Thyristor, 150 A (New INT-A-PAK Power Module)
Revision: 25-Apr-08
VSKT152 VISHAY-VSKT152_10 Datasheet
215Kb / 9P
   Thyristor/Thyristor, 150 A (New INT-A-PAK Power Module)
Revision: 04-May-10
VS-VSKU162PBF VISHAY-VS-VSKU162PBF Datasheet
249Kb / 9P
   Thyristor/Thyristor, 160 A (New INT-A-PAK Power Modules)
Revision: 20-Nov-15
logo
STMicroelectronics
RM0017 STMICROELECTRONICS-RM0017 Datasheet
6Mb / 904P
   The SPC560Bx and SPC560Cx is a new family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com