Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-7506 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # AN-7506
Description  Spicing-Up Spice II Software For Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-7506 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  AN-7506 Datasheet HTML 1Page - Fairchild Semiconductor AN-7506 Datasheet HTML 2Page - Fairchild Semiconductor AN-7506 Datasheet HTML 3Page - Fairchild Semiconductor AN-7506 Datasheet HTML 4Page - Fairchild Semiconductor AN-7506 Datasheet HTML 5Page - Fairchild Semiconductor AN-7506 Datasheet HTML 6Page - Fairchild Semiconductor AN-7506 Datasheet HTML 7Page - Fairchild Semiconductor AN-7506 Datasheet HTML 8Page - Fairchild Semiconductor AN-7506 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
Application Note 7506 Rev. A1
FIGURE 7. MEASURED SQUARE ROOT OF DRAIN CURRENT
(DRAIN VOLTS = 10) vs. GATE VOLTAGE FOR THE
FAIRCHILD IRF130 POWER MOSFET IS PLOTTED
ALONG WITH THE CALCULATED VALUES FOR
THE ENHANCED SPICE II MODEL. AN EXCEL-
LENT FIT IS OBTAINED.
FIGURE 8. PLOTS OF DRAIN CURRENTvs. DRAIN VOLTAGE
FOR THE FAIRCHILD IRF130 POWER M0SFET
SHOW AN EXCELLENT FIT BETWEEN MEA-
SURED VALUES AND THOSE CALCULATED BY
THE ENHANCED SPICE II MODEL FOR VARIOUS
VALUES OF CONSTANT GATE VOLTAGE.
FIGURE 9. FIRST QUADRANT DRAIN CURRENT vs. DRAIN
VOLTAGE WITH VGS HELD CONSTANT IS CALCU-
LATED BY THE ENHANCED SPICE II MODEL OF
THE FAIRCHILD IRF130 POWER M0SFET. NOTE
THAT
THE
MODEL
PREDICTS
AVALANCHE
BREAKDOWN.
FIGURE 10. THIRD-QUADRANT OPERATION OF THE FAIR-
CHILD IRF130 SHOWS AGREEMENT BETWEEN
THE PREDICTED VALUES OF THE ENHANCED
SPICE II MODEL AND ACTUAL MEASURED VAL-
UED OF DRAIN CURRENT vs DRAIN VOLTAGE AT
DIFFERENT VALUED OF CONSTANT GATE VOLT-
AGE.
01234567
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
FAIRCHILD IRF130
MEAS
CALC
VD = 10V
VGATE (V)
VG = 6.0V
VG = 5.0V
VG = 4.0V
FAIRCHILD IRF130
MEASURED
MODEL
01234567
VDRAIN (V)
20
18
16
14
12
10
8
6
4
2
0
3
2
1
0
0
20
40
60
80
100
120
FAIRCHILD IRF130
VG = 4.0 VOLTS
VG = 3.8 VOLTS
VG = 0.0 VOLTS
VDRAIN - VOLTS
= 10
= 8
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0
-5
-10
-15
-20
-25
VDRAIN (V)
VGATE = 0V
CALC. VALUES FOR
VGATE = 0 AND 2
ARE COINCIDENT
FAIRCHILD IRF130
MEASURED
CALC.
= 2
= 6
= 4
Application Note 7506


Similar Part No. - AN-7506

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-7500 FAIRCHILD-AN-7500 Datasheet
113Kb / 5P
   Understanding Power MOSFETs
AN-7502 FAIRCHILD-AN-7502 Datasheet
205Kb / 9P
   Power MOSFET Switching Waveforms
AN-7503 FAIRCHILD-AN-7503 Datasheet
182Kb / 6P
   The Application Of Conductivity-Modulated
AN-7508 FAIRCHILD-AN-7508 Datasheet
81Kb / 2P
   HVIC/IGBT Half-Bridge Converter Evaluation Circuit
More results

Similar Description - AN-7506

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STREALIZER-II STMICROELECTRONICS-STREALIZER-II Datasheet
50Kb / 4P
   STREALIZER-II development software
November 2010 Rev 1
UM1575 STMICROELECTRONICS-UM1575 Datasheet
1Mb / 24P
   Spice model tutorial for Power MOSFETs
logo
Voltage Multipliers Inc...
Z50FF5 VMI-Z50FF5 Datasheet
39Kb / 1P
   Spice Model
Z100UF VMI-Z100UF Datasheet
28Kb / 1P
   Spice Model
M160FF3 VMI-M160FF3 Datasheet
125Kb / 1P
   Spice Model
M160SG VMI-M160SG Datasheet
124Kb / 1P
   Spice Model
M160UFG VMI-M160UFG Datasheet
125Kb / 1P
   Spice Model
1N6521 VMI-1N6521 Datasheet
132Kb / 1P
   Spice Model
1N6535 VMI-1N6535 Datasheet
45Kb / 1P
   Spice Model
FP100F VMI-FP100F Datasheet
40Kb / 1P
   Spice Model
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com