Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-7503 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-7503
Description  The Application Of Conductivity-Modulated
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-7503 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-7503 Datasheet HTML 1Page - Fairchild Semiconductor AN-7503 Datasheet HTML 2Page - Fairchild Semiconductor AN-7503 Datasheet HTML 3Page - Fairchild Semiconductor AN-7503 Datasheet HTML 4Page - Fairchild Semiconductor AN-7503 Datasheet HTML 5Page - Fairchild Semiconductor AN-7503 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
Application Note 7503 Rev. A1
turns off, unlike the thyristor family of power semiconductors,
which must be either externally or naturally (internally) com-
mutated.
The on-state voltage drop or resistance characteristic of a
conductivity-modulated FET is markedly different from that
of a standard power MOSFET, and is similar to that of a
thyristor family member, the SCR. There is an offset voltage
component (typically 0.6V) due to the p-n junction on the
drain side, and a somewhat nonlinear resistive component,
both of which are in series between the drain and source
terminals. This series arrangement results in a highly
nonlinear equivalent resistance, unlike the linear resistive
characteristic of VDS(ON) of a standard FET.
The structure of the conductivity-modulated FET operates
during its turn on just as a standard FET does, hence its
turn-on speed is very similar to that of a standard FET. With
its high input impedance and its short propagation delay, the
turn-on transition of the conductivity-modulated FET, as well
as the standard power FET, is easily controlled by the gate
driving circuit. This characteristic allows the designer the
ability to control EMI and RPI generation easily. With other
power semiconductors, it may be necessary to employ elab-
orate circuit schemes to limit rapidly rising in-rush currents.
A significant characteristic that must be considered in power
switching applications is that of turn-off speed. The internal
action that makes the conductivity-modulated FET such a
silicon-efficient device also makes it an inherently slower
device during turn-off. The injection of the minority carriers
during the on-state conduction of current results in these
carriers being present at the moment of turn-off. Without any
way of removing these carriers by external means, they must
recombine within the structure itself before the device can
revert to its fully off-state condition. The quantity of these
carriers and how fast they
can deplete themselves
determines the turn-off switching speed of the conductivity-
modulated
FET.
This
process
of
recombination
is
considerably slower than the simple discontinuance of
majority carrier flow by which the standard power FET turns
off. Hence, again, the conductivity-modulated FET is an
inherently slower device. Its turn-off speed lies somewhere
between the performance of a thyristor and that of a bipolar
transistor.
The
final
characteristic
that
makes
the
conductivity-
modulated FET different from a conventional FET is the
variance
of
on-state
voltage
with
temperature.
The
characteristic of the conductivity-modulated FET is similar to
that of an SCR, varying about -0.6mV/oC. The conventional
FET has a positive temperature coefficient such that on high-
voltage devices the RDS(ON) will double from its +25
oC
value when the junction temperature reaches +150oC. The
system designer must take this characteristic into consider-
ation when the heat sink is being designed for the system.
It is these similarities and differences that make the conduc-
tivity-modulated FET a unique member of the family of
power-semiconductor switching devices. Applications of this
alternative power switching device invariably make use of
one or more of its unique characteristics.
Applications
Automotive Ignition
An application that can take advantage of the low drive-
power capability of the conductivity-modulated FET is the
electronic automotive ignition system. In Figure 2, the control
IC takes the signal from the pickup coil located in the
distributor and regulates the current through the ignition coil.
At the proper time, the IC removes base drive from the
bipolar transistor, which all systems currently employ as their
coil driver. This removal of base drive allows the transistor to
shut off which, in turn, causes a rapid decrease in the
ignition-coil
primary
current.
As
the
primary
current
decreases to zero, the energy stored in the field surrounding
the primary is transferred to the secondary coil. The
secondary coil, consisting of many more turns than the
primary, transforms this energy into a higher voltage,
resulting in a spark being generated in the cylinder. The
control IC determines when this spark occurs, so as to
derive usable power. With the use of a bipolar transistor, it is
estimated that approximately two-thirds of the power
dissipation that occurs in the control IC is the result of the
need to be able to drive the required base current of the
ignition output transistor. The high-impedance input of the
conductivity-modulated FET virtually eliminates the base-
current drive dissipation of the control IC.
With improved silicon usage, the conductivity-modulated
FET brings to power semiconductor switching devices the
die size necessary to attain the required voltage and current-
handling capabilities of the electronic ignition. This smaller-
sized die makes possible smaller modules, whether they be
hybrid or standard PC-based systems, than those currently
implemented with bipolar-transistor technology.
Brushless DC Motors
Another emerging application that can make use of
conductivity-modulated FETs is the emerging field of
brushless DC motors. In this class of application, the solid-
state devices are used to electronically switch the voltage to
the multiplicity of windings that are employed. The motor
consists of an armature that has a number of N and S poles
consisting of high-strength permanent magnets. The stator
is made up of the multiplicity of windings that were
TABLE 1. CONDUCTIVITY-MODULATED FET
CHARACTERISTICS
Voltage Gated
Small gate power required. Similar
to standard power MOSFET.
Turn Off
When gate drive is removed...
Unlike an SCR!
Nonlinear On-State
Voltage drop
Like that of an SCR.
Turn On Speed
Fast! Comparable to a standard
power MOSFET.
Turn-Off Speed
Slow! Comparable to a bipolar
transistor.
Temperature Independent
On-State Voltage Drop
Unlike the typical 2x variation of a
power MOSFET.
Application Note 7503


Similar Part No. - AN-7503

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-7500 FAIRCHILD-AN-7500 Datasheet
113Kb / 5P
   Understanding Power MOSFETs
AN-7502 FAIRCHILD-AN-7502 Datasheet
205Kb / 9P
   Power MOSFET Switching Waveforms
AN-7506 FAIRCHILD-AN-7506 Datasheet
247Kb / 9P
   Spicing-Up Spice II Software For Power MOSFET
AN-7508 FAIRCHILD-AN-7508 Datasheet
81Kb / 2P
   HVIC/IGBT Half-Bridge Converter Evaluation Circuit
More results

Similar Description - AN-7503

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3171 STMICROELECTRONICS-AN3171 Datasheet
141Kb / 14P
   The purpose of this application
AN2394 STMICROELECTRONICS-AN2394 Datasheet
163Kb / 13P
   The purpose of this application note
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
   The purpose of this document is to describe the design of the application
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
   The purpose of this document is to describe the design of the application
logo
KODENSHI_AUK CORP.
PSR11L KODENSHI-PSR11L Datasheet
243Kb / 2P
   composed of a modulated infrared emitting diode at the light-emitting side and a modulated photo IC at the light receiving side
logo
List of Unclassifed Man...
88950400 ETC2-88950400 Datasheet
84Kb / 2P
   Highlight the data of your automation application
logo
KODENSHI_AUK CORP.
KPS1008C KODENSHI-KPS1008C Datasheet
137Kb / 3P
   photo switch is composed of a modulated infrared emitting diode at the light-emitting side and a modulated photo IC
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
STMicroelectronics
AN2229 STMICROELECTRONICS-AN2229 Datasheet
168Kb / 8P
   Purpose of the Application Note is to detail the startup behaviour
AN2495 STMICROELECTRONICS-AN2495 Datasheet
812Kb / 36P
   The purpose of this application note is to explain the design
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com