Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-6605 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-6605
Description  Noise of Sources
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6605 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-6605 Datasheet HTML 1Page - Fairchild Semiconductor AN-6605 Datasheet HTML 2Page - Fairchild Semiconductor AN-6605 Datasheet HTML 3Page - Fairchild Semiconductor AN-6605 Datasheet HTML 4Page - Fairchild Semiconductor AN-6605 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN-6605
APPLICATION NOTE
© 2014 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0 • 6/25/15
2
1
2
n
VEQ= (A12V +A22V ++An2V )1/2
(4)
Where VEQ = equalized source noise (V) and An =
magnitude of the equalized gain at the center of each
noise band (V/V).
SOURCE NOISE
Models are needed for capacitive and inductive systems
such that noise calculations can be made. Namely, the real
part of the impedance needs to be determined.
A lumped model of a capacitive source, such as condenser
or electret microphone, consists of the microphone and
stray capacitance shunted by a load resistance.
Figure 2.
Lumped Model of a Capacitive
Microphone
It should be noted that for any particular microphone, the
noise of the network ((Cm + Cs)//RL) is reduced by
increasing RL because Re(Z) (the real part of the
impedance) is inversely proportional to RL (see equation
5).
The inductive source (phono cartridges and tape heads) is
more complex to analyze because it has a much more
complex model. The simplified lumped model of a phono
cartridge or tape head consists of a series inductance and
resistance shunted by a small capacitor.
Each phono
cartridge or tape head has a recommended load consisting
of a specified shunt resistance and capacitance. A model
for the inductive source and preamp input network is
shown in Figure 3.
Figure 3.
Phono Cartridge or Tape Head and
Preamp Input Network
This circuit is quite formidable to analyze and needs,
further simplification. Through the use of Q equations, a
series L-R is transformed to a parallel L-R.
Simplifying the input network to:
Figure 4.
Simplified Inductive Source Network.


Similar Part No. - AN-6605

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
AN-6602 FAIRCHILD-AN-6602 Datasheet
803Kb / 7P
   Low Noise JFET
AN-6604 FAIRCHILD-AN-6604 Datasheet
1Mb / 8P
   JFET Circuit Applications
AN-6607 FAIRCHILD-AN-6607 Datasheet
435Kb / 3P
   The Noise Figure Fallacy
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
More results

Similar Description - AN-6605

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TN-46 CLARE-TN-46 Datasheet
90Kb / 5P
   MICROWAVE NOISE TUBES & NOISE SOURCES
logo
Keysight Technologies
N4000A KEYSIGHT-N4000A Datasheet
2Mb / 13P
   SNS Series Noise Sources
logo
Micronetics, Inc.
NZG-5-20K MICRONETICS-NZG-5-20K Datasheet
551Kb / 1P
   NOIZEG BASEBAND NOISE SOURCES
logo
Keysight Technologies
N4001A KEYSIGHT-N4001A Datasheet
2Mb / 13P
   SNS Series Noise Sources
N4002A KEYSIGHT-N4002A Datasheet
2Mb / 13P
   SNS Series Noise Sources
logo
Micronetics, Inc.
NSL2 MICRONETICS-NSL2 Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
RFN25L MICRONETICS-RFN25L Datasheet
517Kb / 2P
   FULLBAND CALIBRATED MICROWAVE NOISE SOURCES
NS5100 MICRONETICS-NS5100 Datasheet
572Kb / 3P
   SMALL HERMETIC HYBRID NOISE SOURCES
RFN55L MICRONETICS-RFN55L Datasheet
91Kb / 3P
   FULLBAND HIGH ENR MICROWAVE NOISE SOURCES
NC501SM-12 MICRONETICS-NC501SM-12 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 500 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com