Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4731TA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4731TA
Description  Stereo 25W Audio Power Amplifier with Mute and Standby Modes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4731TA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4731TA Datasheet HTML 1Page - National Semiconductor (TI) LM4731TA Datasheet HTML 2Page - National Semiconductor (TI) LM4731TA Datasheet HTML 3Page - National Semiconductor (TI) LM4731TA Datasheet HTML 4Page - National Semiconductor (TI) LM4731TA Datasheet HTML 5Page - National Semiconductor (TI) LM4731TA Datasheet HTML 6Page - National Semiconductor (TI) LM4731TA Datasheet HTML 7Page - National Semiconductor (TI) LM4731TA Datasheet HTML 8Page - National Semiconductor (TI) LM4731TA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM4731
Stereo 25W Audio Power Amplifier with Mute and
Standby Modes
General Description
The LM4731 is a stereo audio amplifier capable of delivering
typically 25W per channel of continuous average output
power into a 4
Ω or 8Ω load with less than 10% THD+N from
20Hz - 20kHz.
Each amplifier has an independent smooth transition fade-
in/out mute and a power conserving standby mode which
can be controlled by external logic.
The LM4731 has short circuit protection and a thermal shut
down feature that is activated when the die temperature
exceeds 150˚C. The LM4731 also has a under voltage lock
out feature for click and pop free power off and on.
The LM4731 has a wide operating supply range from +/-10V
- +/-28V allowing for lower cost unregulated power supplies
to be used.
Key Specifications
j Output Power into 4
Ω or 8Ω, 10% THD+N 25W (typ)
j THD+N at 1kHz with2x1W into 8
0.02% (typ)
j Mute Attenuation
85dB (typ)
j PSRR with fRIPPLE = 120Hz,
V
RIPPLE =1VRMS
50dB (typ)
j Slew Rate
18V/µs (typ)
j Standby Current (+/-22V)
4.8mA (typ)
Features
n
Minimal amount of external components necessary
n
Quiet fade-in/out mute mode
n
Low current Standby-mode
Applications
n
Audio amplifier for high-end stereo TVs
n
Audio amplifier for component stereo
n
Audio amplifier for compact stereo
n
Audio amplifier for PC satellite speaker systems
n
Audio amplifier for self powered speakers
Connection Diagrams
Plastic Package
TO-220 Top Marking (Note 12)
20060352
Top View
Non-Isolated Package
Order Number LM4731TA
See NS Package Number TA15A
20060375
Top View
U - Wafer Fab Code
Z - Assembly Plant Code
XY - Date Code
TT - Die Traceability
LM4731TA - LM4731TA
July 2003
© 2003 National Semiconductor Corporation
DS200603
www.national.com


Similar Part No. - LM4731TA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
   Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM4730TA NSC-LM4730TA Datasheet
643Kb / 17P
   Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
LM4732TA NSC-LM4732TA Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
LM4733 NSC-LM4733 Datasheet
939Kb / 23P
   3 Channel 30W Audio Power Amplifier with Mute
More results

Similar Description - LM4731TA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
   Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
   Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
   Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782 TI1-LM4782_14 Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
National Semiconductor ...
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
   LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
   Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com