Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4138 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # AN4138
Description  Design Considerations
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN4138 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  AN4138 Datasheet HTML 1Page - Fairchild Semiconductor AN4138 Datasheet HTML 2Page - Fairchild Semiconductor AN4138 Datasheet HTML 3Page - Fairchild Semiconductor AN4138 Datasheet HTML 4Page - Fairchild Semiconductor AN4138 Datasheet HTML 5Page - Fairchild Semiconductor AN4138 Datasheet HTML 6Page - Fairchild Semiconductor AN4138 Datasheet HTML 7Page - Fairchild Semiconductor AN4138 Datasheet HTML 8Page - Fairchild Semiconductor AN4138 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
APPLICATION NOTE
AN4138
3
©2002 Fairchild Semiconductor Corporation
(3) STEP-3 : Determine the reflected output voltage
(VRO).
When the MOSFET in the FPS is turned off, the input
voltage (VDC) together with the output voltage reflected to
the primary (VRO) are imposed on the MOSFET as shown in
Figure 4. After determining VRO, the maximum nominal
MOSFET voltage (Vds
nom) is obtained as
where VDC
max is specified in equation (3). The typical value
for VRO is 65-85V.
Figure 4. The output voltage reflected to the primary
(4) STEP-4 : Determine the transformer primary side
inductance (Lm) and the maximum duty ratio (Dmax).
A Flyback converter has two kinds of operation modes;
continuous conduction mode (CCM) and discontinuous
conduction mode (DCM). The operation changes between
CCM and DCM as the load condition and input voltage vary
and each operation mode has their own advantages and
disadvantages, respectively. The transformer size can be
reduced using DCM because the average energy stored is
lower compared to CCM. However, DCM inherently causes
higher RMS current, which increases the conduction loss of
the MOSFET and the current stress on the output capacitors.
For low power applications under 10W where the MOSFET
conduction loss is not so severe, it is typical to design the
converter to operate in DCM for the entire operating range,
or to operate in CCM only for low input voltage conditions
in order to minimize the transformer size.
Figure 5. Simplified flyback converter
The design procedures for CCM and DCM are slightly
different. Once the reflected output voltage (VRO) is
determined in step-3, the flyback converter can be simplified
as shown in Figure 5 by neglecting the voltage drops in
MOSFET and diode.
For CCM operation, the maximum duty ratio is given by
where VDC
min and V
RO are specified in equations (2) and
step-3, respectively.
For DCM operation, the maximum duty ratio should be
determined as smaller than the value obtained in equation
(5). By reducing Dmax, the transformer size can be reduced.
However, this increases the RMS value of the MOSFET
drain current and Dmax should be determined by trade-off
between the transformer size and MOSFET conduction loss.
With the maximum duty ratio, the primary side inductance
(Lm) of the transformer is obtained. The worst case in
designing Lm is full load and minimum input voltage
V
ds
nom
V
DC
max
V
RO
+
=
(4)
-
V
RO
+
V
DC
+
-
Dra in
GND
FP S
+
V
ds
-
0 V
V
DC
V
RO
L
m
V
DC
min
V
RO
I
ds
I
D
I
m
I
m
I
m
I
ds
I
ds
D
max
D
max
I
D
I
D
min
DC
RO
RO
V
V
V
+
=
min
DC
RO
RO
V
V
V
+
D
max
V
RO
V
RO
V
DC
min
+
-------------------------------------
=
(5)


Similar Part No. - AN4138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4138 STMICROELECTRONICS-AN4138 Datasheet
230Kb / 9P
   This application note presents the HSP061-2
More results

Similar Description - AN4138

ManufacturerPart #DatasheetDescription
logo
Winbond
AN-CC1002 WINBOND-AN-CC1002 Datasheet
131Kb / 3P
   Design Considerations for ISD1700 Family
logo
Lumileds Lighting Compa...
AB20-3 LUMILEDS-AB20-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
logo
Integrated Silicon Solu...
IS43DR00-001 ISSI-IS43DR00-001 Datasheet
756Kb / 5P
   ISSI DDR2 SDRAM Design Considerations Guide
logo
Lumileds Lighting Compa...
AB20-5 LUMILEDS-AB20-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
logo
Analog Devices
AN-1026 AD-AN-1026 Datasheet
361Kb / 16P
   High Speed Differential ADC Driver Design Considerations
REV. 0
logo
Exar Corporation
AN-202 EXAR-AN-202 Datasheet
161Kb / 4P
   USB UART BOARD DESIGN CONSIDERATIONS FOR USB COMPLIANCE
logo
Silicon Laboratories
AN523 SILABS-AN523 Datasheet
972Kb / 6P
   OVERLAY CONSIDERATIONS
logo
Fairchild Semiconductor
AN1031 FAIRCHILD-AN1031 Datasheet
92Kb / 15P
   Considerations in Designing
logo
Lineage Power Corporati...
AN04-006 LINEAGEPOWER-AN04-006 Datasheet
476Kb / 4P
   PWB Layout Considerations
logo
Motorola, Inc
AN1680 MOTOROLA-AN1680 Datasheet
149Kb / 8P
   Design Considerations for Clamping Networks for Very High Voltage Monolithic Off-line PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com