Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3695AM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3695AM
Description  Multipoint RS485/RS422 Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3695AM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS3695AM Datasheet HTML 1Page - National Semiconductor (TI) DS3695AM Datasheet HTML 2Page - National Semiconductor (TI) DS3695AM Datasheet HTML 3Page - National Semiconductor (TI) DS3695AM Datasheet HTML 4Page - National Semiconductor (TI) DS3695AM Datasheet HTML 5Page - National Semiconductor (TI) DS3695AM Datasheet HTML 6Page - National Semiconductor (TI) DS3695AM Datasheet HTML 7Page - National Semiconductor (TI) DS3695AM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Test Circuits and Switching Waveforms (Continued)
DS005272-7
Differential input voltage may be realized by grounding RI and pulsing RI between +2.5V and −2.5V
FIGURE 2. Receiver Input-to-Output Propagation Delay Timing
DS005272-8
FIGURE 3. Receiver Enable/Disable Propagation Delay Timing
DS005272-9
Unless otherwise specified the switches are closed.
DS005272-10
FIGURE 4. Driver Propagation Delay Test Circuits
DS005272-11
tPLH and tPHL are measured to the respective 50% points. tSKEW is the difference between propagation delays of the complementary outputs.
FIGURE 5. Driver Input-to-Output Propagation Delay Timing (Single-Ended)
www.national.com
4


Similar Part No. - DS3695AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3695AM TI-DS3695AM Datasheet
807Kb / 13P
[Old version datasheet]   DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
DS3695AM TI1-DS3695AM Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
DS3695AM/NOPB TI1-DS3695AM/NOPB Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
DS3695AMX TI-DS3695AMX Datasheet
807Kb / 13P
[Old version datasheet]   DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
DS3695AMX TI1-DS3695AMX Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
More results

Similar Description - DS3695AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
DS3695N-NOPB TI1-DS3695N-NOPB Datasheet
577Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
logo
National Semiconductor ...
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Texas Instruments
DS3695 TI1-DS3695_15 Datasheet
578Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695AMX TI-DS3695AMX Datasheet
807Kb / 13P
[Old version datasheet]   DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com