Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7532 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # 7532
Description  A New PSPICE Electro-Thermal Subcircuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

7532 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button 7532 Datasheet HTML 7Page - Fairchild Semiconductor 7532 Datasheet HTML 8Page - Fairchild Semiconductor 7532 Datasheet HTML 9Page - Fairchild Semiconductor 7532 Datasheet HTML 10Page - Fairchild Semiconductor 7532 Datasheet HTML 11Page - Fairchild Semiconductor 7532 Datasheet HTML 12Page - Fairchild Semiconductor 7532 Datasheet HTML 13Page - Fairchild Semiconductor 7532 Datasheet HTML 14Page - Fairchild Semiconductor 7532 Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Rev. A, October 2003
©2003 Fairchild Semiconductor Corporation
6. Simulation Convergence
The self-heating model was tested under numerous circuit configurations. It was
found to be numerically stable. Failure to converge can occur under some large signal
simulations if PSPICE’s setup option ABSTOL setting is less than 1µA.
UIS simulations [10] were performed on a Dell Latitude CSx having a 500MHz Pen-
tium III processor with 256MB of RAM. Windows 2000 was the operating system used
with virus scan software enabled. PSPICE Schematics version 9.1 was used.
Simulation time results were:
- standard model = 7.9s
- self-heating model = 13.7s
Simulation time will be longer with the self-heating model when significant and rapid
junction temperature variation occurs. This is a result of the dynamic interaction from
the junction temperature feedback on the MOSFET temperature dependent parame-
ters.
7. Future Model Developments
Minor inaccuracy is introduced if previously published Fairchild Semiconductor MOS-
FET models are modified to become self-heating models, but are well within device
parametric tolerance (not demonstrated in this paper). The inaccuracy can be elimi-
nated by including the variable T_ABS=25 in the level-1 NMOS MOSFET during
device specific model calibration, permitting full compatibility of the model with the
new self-heating model. This term was included for the standard MOSFET model
calibration of the FDP038AN06A0. Temperature dependency of the self-heating
model intrinsic body diode leakage current could be introduced by adding a junction
temperature dependent current source across the body diode.
8. Conclusion
The self heating PSPICE power MOSFET macro-model provides the next evolution-
ary step in circuit simulation accuracy. The inclusion of a thermal model coupled to the
temperature sensitive MOSFET electrical parameters results in a self-heating
PSPICE MOSFET macro-model which allows increased accuracy during time domain
simulations. The effect of temperature change due to power dissipation during time
domain simulations can now be modeled.
The modeling modification concepts introduced are non-proprietary and may be
adapted to MOSFET SPICE models from any manufacturer. A methodology for cali-
brating a MOSFET model using parametric data was described. Adherence to the cal-
ibration sequence yields a highly accurate model.


Similar Part No. - 7532

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753201DPTR13 CTS-753201DPTR13 Datasheet
189Kb / 4P
   High Density Packaging
753201DPTR7 CTS-753201DPTR7 Datasheet
189Kb / 4P
   High Density Packaging
753201FPTR13 CTS-753201FPTR13 Datasheet
189Kb / 4P
   High Density Packaging
753201FPTR7 CTS-753201FPTR7 Datasheet
189Kb / 4P
   High Density Packaging
753201GPTR13 CTS-753201GPTR13 Datasheet
189Kb / 4P
   High Density Packaging
More results

Similar Description - 7532

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7534 FAIRCHILD-7534 Datasheet
131Kb / 16P
   A New PSPICE Electro-Thermal Subcircuit
AN-7510 FAIRCHILD-AN-7510 Datasheet
222Kb / 13P
   A New PSPICE Subcircuit
logo
Keysight Technologies
W2349EP KEYSIGHT-W2349EP Datasheet
357Kb / 5P
   ADS Electro-Thermal Simulator
W2590ET KEYSIGHT-W2590ET Datasheet
564Kb / 4P
   HeatWave Electro-Thermal Simulator
logo
List of Unclassifed Man...
ES1611 ETC2-ES1611 Datasheet
84Kb / 4P
   Electro-Wash짰 NX New & Improved! Cleaner Degreaser
logo
Hamamatsu Corporation
R9220 HAMAMATSU-R9220 Datasheet
142Kb / 4P
   PHOTOMULTIPLIER TUBE High QE Multialkali Photocathode New Electro-Optical Design
logo
National Semiconductor ...
AN-242 NSC-AN-242 Datasheet
267Kb / 16P
   Applying a New Precision Op Amp
logo
STMicroelectronics
AN2777 STMICROELECTRONICS-AN2777 Datasheet
309Kb / 13P
   A new high-temperature TRIAC family
TN0885 STMICROELECTRONICS-TN0885 Datasheet
423Kb / 6P
   STMicroelectronics has introduced a new package family
logo
ASM GmbH
9322 ASM-SENSOR-9322 Datasheet
701Kb / 2P
   Introducing a new 3-function universal probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com