Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7004 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 7004
Description  Power Converter Topology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

7004 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 7004 Datasheet HTML 4Page - Fairchild Semiconductor 7004 Datasheet HTML 5Page - Fairchild Semiconductor 7004 Datasheet HTML 6Page - Fairchild Semiconductor 7004 Datasheet HTML 7Page - Fairchild Semiconductor 7004 Datasheet HTML 8Page - Fairchild Semiconductor 7004 Datasheet HTML 9Page - Fairchild Semiconductor 7004 Datasheet HTML 10Page - Fairchild Semiconductor 7004 Datasheet HTML 11Page - Fairchild Semiconductor 7004 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Rev. A, June 2001
©2001 Fairchild Semiconductor Corporation
Table 1 shows the comparison of the topologies that have been discussed. Note that the rela-
tive cost increases significantly based on whether there is input/output isolation. Efficiency can
range from 70 to 85%. A summary of the first-pass selection of key MOSFET parameters is
shown in Table 2. Parameters of the MOSFETS used in Application Note are shown in Table 3.
Table 1: Comparison of various switching regulator topologies.
Table 2: Power MOSFET voltage and current ratings versus power supply topology.
Table 3: PowerTrench® MOSFETs in SO-8 package for 48V Applications.
Synchronous rectification.
Synchronous rectification may be employed with all the previously mentioned topologies. This
technique consists of replacing the output rectifiers with MOSFETs, striving to lower conduc-
tion losses. The concept is, however, not without its share of problems. The complexity of the
drive and control circuitry increases dramatically. Timing of the gate-drive to the synchronous
FETs is critical to avoid cross conduction. The parasitic capacitances and body diode reverse
recovery characteristics of the output FETs contribute to substantial switching losses in these
devices. The technique is most applicable for 12V and lower output voltages. The lower the
output voltage, the greater the advantage of synchronous rectification. Much above the 12V
level, the large parasitic losses make the approach much less advantageous.
Thermal Considerations
One of the main limiting factors in any power supply design is the ability to keep the junction
temperatures of the power devices within specified limits. When using surface-mount power
devices the primary heat sink is the PC board. The main constituents of PCBs are fiberglass
Topology
Max. Power
(Watts)
Typical
Efficiency (%)
Flyback
30
75
1 Transistor Forward
150
80
2 Transistor Forward
200
83
Push Pull
350
80
Full Bridge
500
85
Topology
Maximum Drain Voltage
Average Drain Current
Flyback
1.5Vin(max)
751.5Pout/ Vin(max)
1 Transistor Forward
2.5 to 3.0 Vin(max)
1.3Pout/ Vin(max)0
2 Transistor Forward
Vin(max)
1.2Pout/ Vin(max)
Push Pull
352.5 to 3.0 Vin(max)0
0.65Pout/ Vin(max)
Full Bridge
Vin(max)
0.60Pout/ Vin(max)
Voltage(DS)
Current (ID max)
ON-Resistance
(@VGS=10V)
FDS3570
80V
9 A
20 m
FDS3670
100V
6.3A
32 m
FDS2570
150V
4 A
80 m
FDS2670
200V
3 A
130 m


Similar Part No. - 7004

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7004 BOURNS-7004 Datasheet
487Kb / 2P
   Network Interface Device
7004 BOURNS-7004 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
7004-01-BB-A1-R1 BOURNS-7004-01-BB-A1-R1 Datasheet
487Kb / 2P
   Network Interface Device
7004-01-BB-A2-R1 BOURNS-7004-01-BB-A2-R1 Datasheet
487Kb / 2P
   Network Interface Device
7004-01-BF-A1-R1 BOURNS-7004-01-BF-A1-R1 Datasheet
487Kb / 2P
   Network Interface Device
More results

Similar Description - 7004

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17598EVKIT MAXIM-MAX17598EVKIT Datasheet
685Kb / 10P
   Active-Clamp Forward Converter Topology
Rev 1; 4/14
logo
Fairchild Semiconductor
AN-7004 FAIRCHILD-AN-7004 Datasheet
85Kb / 12P
   Power Converter Topology and MOSFET Selection for 48-V Telecom
logo
Vincotech
10-0B066PA030SB-M996F09 VINCOTECH-10-0B066PA030SB-M996F09 Datasheet
1Mb / 17P
   Open emitter topology
10-FY07HVA075S5-L985F08 VINCOTECH-10-FY07HVA075S5-L985F08 Datasheet
308Kb / 7P
   Innovative H6.5 topology
70-W624N3A1K2SC-L400FP VINCOTECH-70-W624N3A1K2SC-L400FP Datasheet
1Mb / 28P
   2400V NPC-topology
10-0B066PA006SB-M992F09 VINCOTECH-10-0B066PA006SB-M992F09 Datasheet
1Mb / 17P
   Open emitter topology
logo
STMicroelectronics
AN2842 STMICROELECTRONICS-AN2842 Datasheet
902Kb / 22P
   Paralleling of power MOSFETs in PFC topology
logo
Vincotech
80-M2072PA200SC-K705F40 VINCOTECH-80-M2072PA200SC-K705F40 Datasheet
475Kb / 6P
   Half-Bridge topology
10-FY07NIA100S503-M515F58 VINCOTECH-10-FY07NIA100S503-M515F58 Datasheet
439Kb / 7P
   NPC inverter topology
logo
List of Unclassifed Man...
FT3120 ETC2-FT3120 Datasheet
2Mb / 16P
   Topology Smart Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com