Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2444AQPWRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV2444AQPWRQ1
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2444AQPWRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2444AQPWRQ1 Datasheet HTML 5Page - Texas Instruments TLV2444AQPWRQ1 Datasheet HTML 6Page - Texas Instruments TLV2444AQPWRQ1 Datasheet HTML 7Page - Texas Instruments TLV2444AQPWRQ1 Datasheet HTML 8Page - Texas Instruments TLV2444AQPWRQ1 Datasheet HTML 9Page - Texas Instruments TLV2444AQPWRQ1 Datasheet HTML 10Page - Texas Instruments TLV2444AQPWRQ1 Datasheet HTML 11Page - Texas Instruments TLV2444AQPWRQ1 Datasheet HTML 12Page - Texas Instruments TLV2444AQPWRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
TYPICAL CHARACTERISTICS
TLV2442-Q1
,, TLV2442A-Q1
TLV2444A-Q1
www.ti.com........................................................................................................................................... SGLS181C – SEPTEMBER 2003 – REVISED AUGUST 2009
Table of Graphs(1)
FIGURE
Distribution
2, 3
VIO
Input offset voltage
vs Common-mode input voltage
4, 5
α
VIO
Input offset voltage temperature coefficient
Distribution
6, 7
IIB/IIO
Input bias and input offset currents
vs Free-air temperature
8
VOH
High-level output voltage
vs High-level output current
9, 10
VOL
Low-level output voltage
vs Low-level output current
11, 12
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
13
vs Supply voltage
14
IOS
Short-circuit output current
vs Free-air temperature
15
VO
Output voltage
vs Differential input voltage
16, 17
Differential voltage amplification
vs Load resistance
18
AVD
Large-signal differential voltage amplification and phase margin
vs Frequency
19, 20
Large-signal differential voltage amplification
vs Free-air temperature
21, 22
zo
Output impedance
vs Frequency
23, 24
vs Frequency
25
CMRR
Common-mode rejection ratio
vs Free-air temperature
26
vs Frequency
27, 28
kSVR
Supply-voltage rejection ratio
vs Free-air temperature
29
IDD
Supply current
vs Supply voltage
30
vs Load capacitance
31
SR
Slew rate
vs Free-air temperature
32
Inverting large-signal pulse response
33, 34
Voltage-follower large-signal pulse response
35, 36
VO
Inverting small-signal pulse response
37, 38
Voltage-follower small-signal pulse response
39, 40
Vn
Equivalent input noise voltage
vs Frequency
41, 42
Noise voltage
Over a 10-second period
43
THD + N
Total harmonic distortion plus noise
vs Frequency
44, 45
vs Free-air temperature
46
Gain-bandwidth product
vs Supply voltage
47
vs Frequency
19, 20
φ
m
Phase margin
vs Load capacitance
48
Gain margin
vs Load capacitance
49
B1
Unity-gain bandwidth
vs Load capacitance
50
(1)
For all graphs where VDD = 5 V, all loads are referenced to 2.5 V.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLV2442-Q1 TLV2442A-Q1 TLV2444A-Q1


Similar Part No. - TLV2444AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2444AQPWRQ1 TI-TLV2444AQPWRQ1 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2444AQPWRQ1 TI1-TLV2444AQPWRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2444AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442 TI-TLV2442_07 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442 TI1-TLV2442_16 Datasheet
1Mb / 45P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1 Datasheet
943Kb / 34P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432 TI1-TLV2432_15 Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1 Datasheet
550Kb / 28P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422 TI1-TLV2422_16 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1_15 Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com