Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8728D-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP8728D-Q1
Description  LP8728D-Q1 Quad-Output Step-Down DC-DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8728D-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LP8728D-Q1 Datasheet HTML 1Page - Texas Instruments LP8728D-Q1 Datasheet HTML 2Page - Texas Instruments LP8728D-Q1 Datasheet HTML 3Page - Texas Instruments LP8728D-Q1 Datasheet HTML 4Page - Texas Instruments LP8728D-Q1 Datasheet HTML 5Page - Texas Instruments LP8728D-Q1 Datasheet HTML 6Page - Texas Instruments LP8728D-Q1 Datasheet HTML 7Page - Texas Instruments LP8728D-Q1 Datasheet HTML 8Page - Texas Instruments LP8728D-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LP8728D-Q1
SNVSA72 – FEBRUARY 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
20
VIN_B4
P
Positive power supply input for Buck 4
21
EN_B4
D/I
Enable Buck 4
22
FB_B4
A
Feedback pin for Buck 4. Referenced against AGND.
23
PG_B4
D/O
Open-drain Power Good output for Buck 4
24
AGND
G
Analog ground
25
BYP
A
Internal 1.8-V supply voltage capacitor pin. A ceramic low-ESR 1-
μF capacitor should
be connected from this pin to AGND. The BYP voltage is generated internally, do not
supply or load this pin externally.
26
AVDD
P
Analog positive power supply pin (VIN level)
27
PG_B1
D/O
Open-drain Power Good output for Buck 1
28
FB_B1
A
Feedback pin for Buck 1. Referenced against AGND.
Exposed die attachment pad should to be connected to GND plane with thermal vias
DAP
Die Attachment Pad
to improve the thermal performance of the system.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LP8728D-Q1


Similar Part No. - LP8728D-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8728-Q1 TI1-LP8728-Q1 Datasheet
571Kb / 18P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728-Q1 TI1-LP8728-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728-Q1 TI1-LP8728-Q1_14 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
More results

Similar Description - LP8728D-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728-Q1 TI1-LP8728-Q1 Datasheet
571Kb / 18P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728-Q1 TI1-LP8728-Q1_14 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
logo
Micro Linear Corporatio...
ML4866 MICRO-LINEAR-ML4866 Datasheet
248Kb / 8P
   3.3V Output DC-DC Step-Down Converter
logo
Texas Instruments
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com