Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

143-20J12L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 143-20J12L
Description  10 mm Tunable Coils ??142, 143, 144
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

143-20J12L Datasheet(HTML) 2 Page - Coilcraft lnc.

  143-20J12L Datasheet HTML 1Page - Coilcraft lnc. 143-20J12L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 108-2
No core
DCR
Part
No core L2
L min3
L nom
L max
SRF min
max
Irms5
number1
Color
Turns
nom (nH)
(nH)
(nH)
(nH)
Q min4
(MHz)
(mOhm)
(A)
144-01J12L
Brown
53
56
59
62
140
1800
7.4
11.0
144-02J12L
Red
75
79
88
98
145
1150
8.6
10.0
144-03J12L
Orange
99
104
123
142
147
900
9.7
9.6
144-04J12L
Yellow
126
132
164
195
150
765
10.9
9.0
144-05J12L
Green
154
162
207
252
154
670
12.1
8.6
144-06J12L
Blue
182
193
250
306
154
610
13.6
8.1
144-07J12L
Violet
214
240
298
356
158
525
14.7
7.8
144-08J12L
Gray
245
283
344
405
160
465
15.9
7.5
144-09J12L
White
274
328
387
446
162
420
17.1
7.2
144-10J12L
Black
10½
307
391
442
493
162
390
18.5
7.0
142-01J08L
Brown
63
63
65
68
115
980
7.4
13.4
142-02J08L
Red
92
93
100
107
118
600
8.4
12.5
142-03J08L
Orange
127
133
145
157
120
470
9.6
11.8
142-04J08L
Yellow
166
174
196
218
125
420
10.8
11.1
142-05J08L
Green
212
226
256
287
122
370
11.9
10.5
142-06J08L
Blue
258
275
315
355
112
340
13.2
10.0
142-07J08L
Violet
307
330
378
427
112
310
14.5
9.6
142-08J08L
Gray
357
396
450
504
106
290
15.7
9.2
142-09J08L
White
412
473
520
567
110
270
16.9
8.9
142-10J08L
Black
10½
464
550
592
635
104
260
18.0
8.6
143-09J12L
White
385
404
550
693
86
280
16.7
7.3
143-10J12L
Black
10½
438
460
624
788
90
270
17.9
7.1
143-11J12L
Brown
11½
490
515
708
900
78
260
19.2
6.8
143-12J12L
Red
12½
545
578
764
950
84
250
20.5
6.6
143-13J12L
Orange
13½
600
673
845
1020
84
245
21.7
6.4
143-14J12L
Yellow
14½
645
726
908
1090
82
240
22.8
6.3
143-15J12L
Green
15½
692
803
978
1150
90
230
23.9
6.1
143-16J12L
Blue
16½
765
891
1080
1270
74
225
25.2
6.0
143-17J12L
Violet
17½
830
1010
1180
1340
74
215
26.4
5.8
143-18J12L
Gray
18½
895
1100
1250
1400
92
195
27.6
5.7
143-19J12L
White
19½
910
1200
1320
1440
98
190
28.9
5.6
143-20J12L
Black
20½
960
1300
1400
1500
92
185
30.0
5.5
No core
DCR
Part
No core L2
L min3
L nom
L max
SRF min
max
Irms5
number1
Color
Turns
nom (nH)
(nH)
(nH)
(nH)
Q min4
(MHz)
(mOhm)
(A)
144-01J12SL
Brown
50
52
53
54
97
2200
7.4
11.0
144-02J12SL
Red
67
70
74
78
98
1200
8.6
10.0
144-03J12SL
Orange
88
92
99
106
98
920
9.7
9.6
144-04J12SL
Yellow
106
111
122
133
100
790
10.9
9.0
144-05J12SL
Green
126
132
149
165
101
685
12.1
8.6
144-06J12SL
Blue
147
154
175
196
106
625
13.6
8.1
144-07J12SL
Violet
168
176
200
223
104
530
14.7
7.8
144-08J12SL
Gray
190
202
226
250
108
480
15.9
7.5
144-09J12SL
White
210
239
256
274
108
435
17.1
7.2
144-10J12SL
Black
10½
232
270
282
295
106
420
18.5
7.0
142-01J08SL
Brown
58
58
59.5
61
82
1230
7.4
13.4
142-02J08SL
Red
81
84
86
89
83
650
8.4
12.5
142-03J08SL
Orange
110
115
120
121
85
550
9.6
11.8
142-04J08SL
Yellow
140
147
156
160
88
460
10.8
11.1
142-05J08SL
Green
174
182
197
205
94
410
11.9
10.5
142-06J08SL
Blue
210
220
240
248
94
370
13.2
10.0
142-07J08SL
Violet
247
259
280
290
90
330
14.5
9.6
142-08J08SL
Gray
284
299
322
337
86
320
15.7
9.2
142-09J08SL
White
319
338
363
377
88
310
16.9
8.9
142-10J08SL
Black
10½
357
382
410
422
82
290
18.0
8.6
143-09J12SL
White
300
315
369
423
80
303
16.7
7.3
143-10J12SL
Black
10½
338
355
416
477
82
290
17.9
7.1
143-11J12SL
Brown
11½
377
396
468
540
78
270
19.2
6.8
143-12J12SL
Red
12½
412
433
509
585
80
265
20.5
6.6
143-13J12SL
Orange
13½
452
475
556
637
80
265
21.7
6.4
143-14J12SL
Yellow
14½
490
515
604
693
78
260
22.8
6.3
143-15J12SL
Green
15½
522
583
660
738
80
250
23.9
6.1
143-16J12SL
Blue
16½
575
638
720
801
76
245
25.2
6.0
143-17J12SL
Violet
17½
612
693
770
846
76
240
26.4
5.8
143-18J12SL
Gray
18½
650
754
814
874
82
215
27.6
5.7
143-19J12SL
White
19½
675
792
846
900
80
210
28.9
5.6
143-20J12SL
Black
20½
715
847
896
945
74
200
30.0
5.5
1. To order fixed inductance parts
without cores, eliminate the “J08”
or “J12”, e.g. 144-01L or 144-01SL.
2. Inductance and Q readings taken
on Boonton 260-A Q meter with
16 AWG tinned copper 1/2
″ long
soldered along leads and bent at
90° 1/4
″ down from standoffs.
All inductance values greater
than 0.1 µH read at recommended
Q meter frequency; those below
0.1 µH calculated from readings
taken at 50 MHz.
3. L min measured with core halfway
out top of form.
4. Q min measured at L nom at
40 MHz.
5. Average current for a 40°C rise
above 25°C ambient.
6. Core material: Carbonyl J
Core length: 142 Series - 1/4
143, 144 Series - 3/8
7. Taps available on 144 series parts
at 1/8, 3/8, 5/8 and 7/8 turn increments.
8. Operating temperature range
−40°C to +85°C.
9. Electrical specifications at 25°C.
Unshielded
Shielded
Document 108-2 Revised 09/18/08


Similar Part No. - 143-20J12L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
143-20J12L COILCRAFT-143-20J12L Datasheet
128Kb / 2P
   10 mm Tunable Coils
More results

Similar Description - 143-20J12L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
144-01J12L COILCRAFT-144-01J12L Datasheet
128Kb / 2P
   10 mm Tunable Coils
150-01J08L COILCRAFT-150-01J08L_13 Datasheet
223Kb / 2P
   7 mm Tunable RF Coils ??146, 150
SLOT10 COILCRAFT-SLOT10 Datasheet
260Kb / 3P
   ?쏶LOT TEN??10 mm Tunable Inductors
logo
API Delevan
9405R API-9405R Datasheet
1Mb / 1P
   Tunable Variable RF Coils
logo
Coilcraft lnc.
150-01J08L COILCRAFT-150-01J08L Datasheet
125Kb / 2P
   7mm Tunable RF Coils
logo
Frontier Electronics.
5YN FRONTIER-5YN Datasheet
137Kb / 1P
   Tunable Hi-Q RF Coils
logo
Coilcraft lnc.
164-01A06L COILCRAFT-164-01A06L Datasheet
276Kb / 3P
   5 mm Tunable Inductor
7M2-101 COILCRAFT-7M2-101 Datasheet
151Kb / 4P
   7 mm Tunable Inductors
logo
Frontier Electronics.
5SQ FRONTIER-5SQ_15 Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ FRONTIER-5SQ Datasheet
132Kb / 1P
   Tunable Super Hi-Q RF Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com