Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2374IDG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2374IDG4
Description  500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2374IDG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2374IDG4 Datasheet HTML 6Page - Texas Instruments TLV2374IDG4 Datasheet HTML 7Page - Texas Instruments TLV2374IDG4 Datasheet HTML 8Page - Texas Instruments TLV2374IDG4 Datasheet HTML 9Page - Texas Instruments TLV2374IDG4 Datasheet HTML 10Page - Texas Instruments TLV2374IDG4 Datasheet HTML 11Page - Texas Instruments TLV2374IDG4 Datasheet HTML 12Page - Texas Instruments TLV2374IDG4 Datasheet HTML 13Page - Texas Instruments TLV2374IDG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
10
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.6 Thermal Information: TLV2373
THERMAL METRIC(1)
TLV2373
UNIT
DGS (VSSOP)
D (SOIC)
P (PDIP)
10 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
166.5
67
66.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
41.8
24.1
20.5
°C/W
RθJB
Junction-to-board thermal resistance
86.1
22.5
26.8
°C/W
ψJT
Junction-to-top characterization parameter
1.5
2.2
2.1
°C/W
ψJB
Junction-to-board characterization parameter
84.7
22.1
26.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.7 Thermal Information: TLV2374
THERMAL METRIC(1)
TLV2374
UNIT
D (SOIC)
N (PDIP)
PW (TSSOP)
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
67
66.3
121
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.1
20.5
49.4
°C/W
RθJB
Junction-to-board thermal resistance
22.5
26.8
62.8
°C/W
ψJT
Junction-to-top characterization parameter
2.2
2.1
5.9
°C/W
ψJB
Junction-to-board characterization parameter
22.1
26.2
62.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.8 Thermal Information: TLV2375
THERMAL METRIC(1)
TLV2375
UNIT
D (SOIC)
N (PDIP)
PW (TSSOP)
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
83
55.8
115.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44
43.1
50.5
°C/W
RθJB
Junction-to-board thermal resistance
40.5
35.8
60.7
°C/W
ψJT
Junction-to-top characterization parameter
11.5
27.9
7.4
°C/W
ψJB
Junction-to-board characterization parameter
40.2
35.7
60.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
°C/W


Similar Part No. - TLV2374IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2374IDG4 TI-TLV2374IDG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2374IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com