Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

146-08J08SL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 146-08J08SL
Description  7 mm Tunable RF Coils ??146, 150
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

146-08J08SL Datasheet(HTML) 2 Page - Coilcraft lnc.

  146-08J08SL Datasheet HTML 1Page - Coilcraft lnc. 146-08J08SL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7mm Tunable RF Coils – 146, 150 Series
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 109-2
Part
No core L2 L min3 L nom
L max
Q min
No core SRF DCR max Irms4
number1
Color
Turns
nom (nH)
(nH)
(nH)
(nH)
@ L nom
min (MHz)
(mOhm)
(A)
150-01J08L
Brown
1
½
44.5
46.0
49.0
52.0
88 @ 50 MHz
2000
8.0
11.0
150-02J08L
Red
2
½
58.5
62.0
70.0
78.0
100 @ 50 MHz
1300
9.0
10.5
150-03J08L
Orange
3
½
77.5
82.0
98.0
114
108 @ 50 MHz
1000
10.5
9.8
150-04J08L
Yellow
4
½
94.5
108
130
154
114 @ 50 MHz
780
11.6
9.3
150-05J08L
Green
5
½
116
137
165
193
114 @ 50 MHz
650
13.2
8.7
150-06J08L
Blue
6
½
138
176
205
234
112 @ 50 MHz
550
14.7
8.2
150-07J08L
Violet
156
222
245
268
108 @ 50 MHz
510
16.0
7.9
146-01J08L
Brown
1
½
45.0
47.0
50.0
53.0
90 @ 50 MHz
1300
8.0
11.0
146-02J08L
Red
2
½
65.0
68.0
78.0
88.0
100 @ 50 MHz
780
9.0
10.5
146-03J08L
Orange
3
½
86.0
90.0
108
126
100 @ 50 MHz
560
10.5
9.8
146-04J08L
Yellow
4
½
111
117
146
175
94 @ 50 MHz
475
11.6
9.3
146-05J08L
Green
5
½
140
148
190
232
88 @ 50 MHz
430
13.0
8.8
146-06J08L
Blue
6
½
167
188
240
292
78 @ 50 MHz
390
14.5
8.3
146-07J08L
Violet
7
½
198
231
292
350
72 @ 50 MHz
350
15.6
8.0
146-08J08L
Gray
8
½
228
272
342
412
68 @ 50 MHz
330
18.0
7.5
146-09J08L
White
9
½
264
330
405
480
66 @ 40 MHz
320
19.4
7.2
146-10J08L
Black
10½
292
390
465
540
60 @ 40 MHz
290
21.0
6.8
Unshielded
Shielded
Part
No core L2 L min3 L nom
L max
Q min
No core SRF DCR max Irms4
number1
Color
Turns
nom (nH)
(nH)
(nH)
(nH)
@ L nom
min (MHz)
(mOhm)
(A)
150-01J08SL
Brown
1
½
42.5
43.5
44.5
44.5
72 @ 50 MHz
1900
8.0
11.0
150-02J08SL
Red
2
½
54.0
56.0
60.0
64.0
80 @ 50 MHz
1450
9.0
10.5
150-03J08SL
Orange
3
½
68.0
71.0
76.0
81.0
84 @ 50 MHz
1100
10.5
9.8
150-04J08SL
Yellow
4
½
82.5
86.0
95.0
104
85 @ 50 MHz
900
11.6
9.3
150-05J08SL
Green
5
½
95.5
107
115
123
84 @ 50 MHz
750
13.2
8.7
150-06J08SL
Blue
6
½
109
125
134
143
82 @ 50 MHz
620
14.7
8.2
150-07J08SL
Violet
123
150
156
162
80 @ 50 MHz
560
16.0
7.9
146-01J08SL
Brown
1
½
44.0
45.0
46.0
47.0
76 @ 50 MHz
1550
8.0
11.0
146-02J08SL
Red
2
½
59.0
62.0
65.0
68.0
78 @ 50 MHz
850
9.0
10.5
146-03J08SL
Orange
3
½
75.0
80.0
85.0
90.0
78 @ 50 MHz
660
10.5
9.8
146-04J08SL
Yellow
4
½
95.0
100
110
120
78 @ 50 MHz
570
11.6
9.3
146-05J08SL
Green
5
½
115
120
135
150
76 @ 50 MHz
510
13.0
8.8
146-06J08SL
Blue
6
½
136
142
163
184
72 @ 50 MHz
470
14.5
8.3
146-07J08SL
Violet
7
½
155
172
194
216
68 @ 50 MHz
430
15.6
8.0
146-08J08SL
Gray
8
½
176
200
224
248
66 @ 50 MHz
400
18.0
7.5
146-09J08SL
White
9
½
202
234
260
284
60 @ 50 MHz
360
19.4
7.2
146-10J08SL
Black
10½
224
260
288
315
56 @ 50 MHz
330
21.0
6.8
1. To order fixed inductance parts without cores, eliminate the “J08”, e.g.
150-01L or 150-01SL
2. Inductance and Q readings taken on Boonton 260-A Q meter with
16 AWG tinned copper 1/2
″ long soldered along leads and bent at 90°
1/4
″ down from standoffs.
All inductance values greater than 0.1 µH read at recommended Q meter
frequency.
All inductance values below 0.1 µH calculated from readings taken at
50 MHz.
3. L min measured with core halfway out top of form.
4. Average current for a 40°C rise above 25°C ambient.
5. Core material: Carbonyl J; Core length: 1/4
6. Taps available in 150 series parts at 1/8, 3/8, 5/8 and 7/8 turns.
7. Operating temperature range
−40°C to +85°C.
8. Electrical specifications at 25°C.
3TOOLSIN1
TUNING WRENCH
TRITUNER SEEINDEX
Document 109-2 Revised 09/30/08


Similar Part No. - 146-08J08SL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
146-08J08SL COILCRAFT-146-08J08SL Datasheet
125Kb / 2P
   7mm Tunable RF Coils
More results

Similar Description - 146-08J08SL

ManufacturerPart #DatasheetDescription
logo
API Delevan
9405R API-9405R Datasheet
1Mb / 1P
   Tunable Variable RF Coils
logo
Coilcraft lnc.
150-01J08L COILCRAFT-150-01J08L Datasheet
125Kb / 2P
   7mm Tunable RF Coils
144-01J12L COILCRAFT-144-01J12L Datasheet
128Kb / 2P
   10 mm Tunable Coils
7M2-101 COILCRAFT-7M2-101 Datasheet
151Kb / 4P
   7 mm Tunable Inductors
logo
Frontier Electronics.
5YN FRONTIER-5YN Datasheet
137Kb / 1P
   Tunable Hi-Q RF Coils
5SQ FRONTIER-5SQ_15 Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ FRONTIER-5SQ Datasheet
132Kb / 1P
   Tunable Super Hi-Q RF Coils
logo
Coilcraft lnc.
SLOT7 COILCRAFT-SLOT7 Datasheet
216Kb / 4P
   ?쏶lot Seven??7 mm Tunable Inductors
144-01J12L COILCRAFT-144-01J12L_13 Datasheet
233Kb / 2P
   10 mm Tunable Coils ??142, 143, 144
148 COILCRAFT-148 Datasheet
87Kb / 1P
   Tunable RF Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com