Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8720 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP8720
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8720 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8720 Datasheet HTML 6Page - Texas Instruments LP8720 Datasheet HTML 7Page - Texas Instruments LP8720 Datasheet HTML 8Page - Texas Instruments LP8720 Datasheet HTML 9Page - Texas Instruments LP8720 Datasheet HTML 10Page - Texas Instruments LP8720 Datasheet HTML 11Page - Texas Instruments LP8720 Datasheet HTML 12Page - Texas Instruments LP8720 Datasheet HTML 13Page - Texas Instruments LP8720 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LP8720
SNVS575B – JULY 2008 – REVISED MAY 2013
www.ti.com
Operating Ratings
(1) (2)
VBATT = VINB, VBATT
2.7 to 4.5V
VIN1, VIN2
2.5V to VBATT
All input-only pins
0V to VBATT
Junction Temperature (TJ)
-40 to 125ºC
Ambient Temperature (TA)
-40 to 85ºC
Maximum Power Dissipation (TA = 70ºC)
(3)
1.2 W
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply ensured performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Like the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. The
1.2W rating for DSBGA 20 appearing under Operating Ratings results from substituting the maximum junction temperature for operation,
125°C, for TJ, 70°C for TA, and 45°C/W for θJA into (eg. 1) above. More power can be dissipated at ambient temperatures below 70°C.
Less power can be dissipated at ambient temperatures above 70°C. The maximum power dissipation for operation can be increased by
22mW for each degree below 70°C, and it must be de-rated by 22 mW for each degree above 70°C.
Thermal Properties
(1)
Junction-to-Ambient Thermal
Resistance (
θJA)
(Jedec Standard Thermal PCB)
45°C/W
20-bump DSBGA package
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
Current Consumption
Unless otherwise noted, VVBATT = VVINB =VVIN1 = VVIN2 = 3.6V, GND = GNDB = 0V, CVBATT = CVIN1= CVIN2 = 2.2 µF, CVINB = 10
µF. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation, TJ= -40 to +125°C
(1)
Limit
Parameter
Test Conditions
Typ
Units
Min
Max
IQ(STANDBY)
Battery Standby Current
VBATT = 3.6V
0.7
5
µA
IQ(SLEEP)
Battery Current in SLEEP
BUCK and all LDO’s enabled
190
270
µA
Mode @ 0 load
IQ(SLEEP)
Battery Current in SLEEP
LDO1, LDO2, LDO3 and LDO4 enabled
170
µA
Mode @ 0 load
IQ(SLEEP)
Battery Current in SLEEP
LDO3 enabled
100
150
µA
Mode @ 0 load
IQ(SLEEP)
Battery Current in SLEEP
LDO1 and BUCK enabled
100
µA
Mode @ 0 load
IQ
Battery Current @ 0 load
BUCK and all LDO’s enabled
270
400
µA
IQ
Battery Current @ 0 load
LDO1, LDO2, LDO3 and LDO4 enabled
230
µA
IQ
Battery Current @ 0 load
LDO3 enabled
120
200
µA
IQ
Battery Current @ 0 load
LDO1 and BUCK enabled
120
µA
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8720


Similar Part No. - LP8720

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
   One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
LP8720TLE NSC-LP8720TLE Datasheet
1Mb / 24P
   One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
LP8720TLX NSC-LP8720TLX Datasheet
1Mb / 24P
   One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
More results

Similar Description - LP8720

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
   One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3906 TI1-LP3906 Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
National Semiconductor ...
LP3906 NSC-LP3906 Datasheet
1Mb / 38P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3907 TI1-LP3907_14 Datasheet
3Mb / 57P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
logo
Richtek Technology Corp...
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
   One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
logo
Texas Instruments
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com