Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

143-10J12L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 143-10J12L
Description  10 mm Tunable Coils ??142, 143, 144
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

143-10J12L Datasheet(HTML) 1 Page - Coilcraft lnc.

  143-10J12L Datasheet HTML 1Page - Coilcraft lnc. 143-10J12L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 108-1
Document 108-1 Revised 09/18/08
10 mm Tunable Coils–142, 143, 144
These Coilcraft variable inductors are precision molded in
plastic to ensure constant winding pitch and a consistent
relationship to the printed circuit board.
Extremely economical, even in small quantities, the coils
come in standard inductance values from 0.05 µH to
1.5 µH. 144 Series parts are also available with a tap to
meet specific requirements.
Tuning is done by means of a threaded powdered iron core
with a hex socket for easy, positive adjustment. Plated brass
shield cans with solderable tabs are optional.
These parts can be ordered without cores for use as
fixed inductors.
Coilcraft
Designer’s Kit M302 contains samples of all
standard 10 mm and 7 mm tunable inductors. To order,
contact Coilcraft or visit
http://order.coilcraft.com to
purchase on-line.
Unshielded Styles
With Shield Can
3TOOLSIN1
TUNING WRENCH
TRITUNER SEEINDEX
Terminations: Series 142 and 143 leads: Tin-silver over copper
Series 144 leads: Matte tin over copper
Shield can tabs: Tin-silver over nickel over brass
0.750
19,05
0.531
13,49
0.157 ±0.010
3,99± 0,25
0.060 ±0.010
1,52 ±0,25
max
max
Tab length
0.197
5,00 dia
0.411
10,44
Start
Finish
0.375
9,53 Tab centers
0.704 ±0.020
17,88 ±0,51
0.138 ±0.040
3,5 ±1,02
0.025 ±0.002
0,635 ±0,05 dia
0.380 ±0.005
9,65 ±0,13
square
sq max
Start
Finish
0.276 ±0.007
7,01 ±0,18
0.276 ±0.007
7,01 ±0,18
Recommended
BoardLayout
CL
CL
0.138
3,505
0.138
3,505
0.1875
4,76
(2)
0.045
1,143
0.197
5,00
(optional, for tuning
through the board)
0.080
2,03
(for shield
can tabs)
0.470 ±0.020
11,94 ±0,51
(142 Series only)
(142 Series only)
Unshielded
With shield can
Weight:
142 series
1.39 – 1.82 g
1.64 – 2.16 g
143 series
1.75 – 2.40 g
2.85 – 3.54 g
144 series
1.22 – 1.74 g
2.35 – 2.91 g
Packaging:
50 per tube
50 per tube
Resistance to soldering heat: Wave solder only. Recommended maximum
board surface temperature of 168°C (334°F) for no more than three seconds.
Pre-heating is recommended to minimize time over the solder nozzle.
Dimensions are in
inches
mm


Similar Part No. - 143-10J12L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
143-10J12L COILCRAFT-143-10J12L Datasheet
128Kb / 2P
   10 mm Tunable Coils
More results

Similar Description - 143-10J12L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
144-01J12L COILCRAFT-144-01J12L Datasheet
128Kb / 2P
   10 mm Tunable Coils
150-01J08L COILCRAFT-150-01J08L_13 Datasheet
223Kb / 2P
   7 mm Tunable RF Coils ??146, 150
SLOT10 COILCRAFT-SLOT10 Datasheet
260Kb / 3P
   ?쏶LOT TEN??10 mm Tunable Inductors
logo
API Delevan
9405R API-9405R Datasheet
1Mb / 1P
   Tunable Variable RF Coils
logo
Coilcraft lnc.
150-01J08L COILCRAFT-150-01J08L Datasheet
125Kb / 2P
   7mm Tunable RF Coils
logo
Frontier Electronics.
5YN FRONTIER-5YN Datasheet
137Kb / 1P
   Tunable Hi-Q RF Coils
logo
Coilcraft lnc.
164-01A06L COILCRAFT-164-01A06L Datasheet
276Kb / 3P
   5 mm Tunable Inductor
7M2-101 COILCRAFT-7M2-101 Datasheet
151Kb / 4P
   7 mm Tunable Inductors
logo
Frontier Electronics.
5SQ FRONTIER-5SQ_15 Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ FRONTIER-5SQ Datasheet
132Kb / 1P
   Tunable Super Hi-Q RF Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com