Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

164-09A06L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 164-09A06L
Description  5 mm Tunable Inductor ??1 64, 165 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

164-09A06L Datasheet(HTML) 1 Page - Coilcraft lnc.

  164-09A06L Datasheet HTML 1Page - Coilcraft lnc. 164-09A06L Datasheet HTML 2Page - Coilcraft lnc. 164-09A06L Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
5mmTunableInductor–164,165 Series
Document 110-1
Unshielded Styles
Shielded Styles
3TOOLSIN1
TUNING WRENCH
TRITUNER SEEINDEX
0.230
5,84 square max
0.120 ±0.010
3,05 ±0,25
0.031 ±0.010
0,79 ±0,25
Series
number
Dash
number
Internal
code
0.212
5,38 Tab centers
Part
marking
this side
Tab length
0.120
3,05
dia hole
0.340
8,64
max
0.139 ±0.005
3,53 ±0,13
0.205 ±0.005
5,21 ±0,13
square
0.310 ±0.020
7,87 ±0,51
0.130 ±0.040
3,30 ±1,02
0.139 ±0.005
3,53 ±0,13
0.018
0,46 dia
Recommended
BoardLayout
CL
CL
0.0695
1,765
0.0695
1,765
0.106
2,69
0.038
0,965
0.051
1,30
(for shield
can tabs)
Finish
Start
Start
165-
XXXX
XX
Designer’s Kit M305 contains 2 each of all parts
Core material Aluminum, 0.187
″ (4.75 mm) long.
Terminations Leads: RoHS compliant tin-silver over copper. Other
terminations available at additional cost. Shield can tabs: Tin-silver
over nickel over brass
Weight
164 series unshielded: 0.16 – 0.31 g; with shield can: 0.45 – 0.60 g
165 series unshielded: 0.15 – 0.25 g; with shield can: 0.43 – 0.54 g
Ambient temperature –40°C to +85°C
Storage temperature Component: –40°C to +85°C.
Packaging tubes: –40°C to +80°C
Resistance to soldering heat: Wave solder only. Recommended
maximum board surface temperature of 168°C (334°F) for no more
than three seconds. Pre-heating is recommended to minimize time
over the solder nozzle.
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
Two per billion hours / 1/2 billion hours, calculated per Telcordia SR-332
Packaging 50 parts per tube
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• These tunables offer the compactness of a 5 mm coil and the
low drift reliability of an insert molded coil.
• Inductance values from 9 to over 280 nH
• Optional plated brass cans provide integral shielding.
• Can be ordered without cores for use as fixed inductors.
Document 110-1 Revised 08/31/09


Similar Part No. - 164-09A06L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
164-09A06L COILCRAFT-164-09A06L Datasheet
276Kb / 3P
   5 mm Tunable Inductor
More results

Similar Description - 164-09A06L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
164-01A06L COILCRAFT-164-01A06L Datasheet
276Kb / 3P
   5 mm Tunable Inductor
logo
Yantel Corporation
1331 YANTEL-1331 Datasheet
137Kb / 2P
   SMD RF Manual Tunable Inductor
1334 YANTEL-1334 Datasheet
125Kb / 2P
   SMD RF Manual Tunable Inductor
2615 YANTEL-2615 Datasheet
133Kb / 2P
   SMD RF Manual Tunable Inductor
2711 YANTEL-2711 Datasheet
143Kb / 2P
   SMD RF Manual Tunable Inductor
2712 YANTEL-2712 Datasheet
143Kb / 2P
   SMD RF Manual Tunable Inductor
1332 YANTEL-1332 Datasheet
145Kb / 2P
   SMD RF Manual Tunable Inductor
1330 YANTEL-1330 Datasheet
147Kb / 2P
   SMD RF Manual Tunable Inductor
2612 YANTEL-2612 Datasheet
148Kb / 2P
   SMD RF Manual Tunable Inductor
1333 YANTEL-1333 Datasheet
134Kb / 2P
   SMD RF Manual Tunable Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com