Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5912-1.8DRVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912-1.8DRVR
Description  LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912-1.8DRVR Datasheet(HTML) 1 Page - Texas Instruments

  LP5912-1.8DRVR Datasheet HTML 1Page - Texas Instruments LP5912-1.8DRVR Datasheet HTML 2Page - Texas Instruments LP5912-1.8DRVR Datasheet HTML 3Page - Texas Instruments LP5912-1.8DRVR Datasheet HTML 4Page - Texas Instruments LP5912-1.8DRVR Datasheet HTML 5Page - Texas Instruments LP5912-1.8DRVR Datasheet HTML 6Page - Texas Instruments LP5912-1.8DRVR Datasheet HTML 7Page - Texas Instruments LP5912-1.8DRVR Datasheet HTML 8Page - Texas Instruments LP5912-1.8DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
IN
OUT
GND
EN
PG
LP5912
VOUT
VIN
NC
CIN
COUT
RPG
VEN
VPG
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5912
SNVSA77B – DECEMBER 2015 – REVISED JUNE 2016
LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits –
Requires No Bypass Capacitor
1
1 Features
1
Input Voltage Range: 1.6 V to 6.5 V
Output Voltage Range: 0.8 V to 5.5 V
Output Current up to 500 mA
Low Output Voltage Noise: 12 µVRMS Typical
PSRR at 1 kHz: 75 dB Typical
Output Voltage Tolerance (VOUT ≥ 3.3 V): ±2%
Low IQ (Enabled, No Load): 30 µA Typical
Low Dropout (VOUT ≥ 3.3 V): 95 mV Typical at
500-mA Load
Stable With 1-µF Ceramic Input and Output
Capacitors
Thermal-Overload and Short-Circuit Protection
Reverse Current Protection
No Noise Bypass Capacitor Required
Output Automatic Discharge for Fast Turnoff
Power-Good Output With 140-µs Typical Delay
Internal Soft-Start to Limit the In-rush Current
–40°C to +125°C Operating Junction Temperature
Range
2 Applications
Camera Modules
Sensors
HiFi Audio Radio Transceivers
PLL/Synthesizer, Clocking
Medium-Current, Noise-Sensitive Applications
space
space
3 Description
The LP5912 is an LDO capable of supplying 500-mA
output current. Designed to meet the requirements of
RF and analog circuits, the LP5912 device provides
low noise, high PSRR, low quiescent current, and low
line and load transient response. The LP5912 offers
class-leading noise performance without a noise
bypass capacitor and with the ability for remote
output capacitance placement.
The device is designed to work with a 1-µF input and
a 1-µF output ceramic capacitor (no separate noise
bypass capacitor required).
This device is available with fixed output voltages
from 0.8 V to 5.5 V in 25-mV steps. Contact Texas
Instruments Sales for specific voltage option needs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP5912
WSON (6)
2.00 mm × 2.00 mm
(1) For
all
available
packages,
see
the
Package
Option
Addendum (POA) at the end of this data sheet.
space
space
space
space
space
Simplified Schematic


Similar Part No. - LP5912-1.8DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-1.8DRVR TI1-LP5912-1.8DRVR Datasheet
2Mb / 33P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912-1.8DRVR TI1-LP5912-1.8DRVR Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5912-1.8DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-Q1 TI1-LP5912-Q1 Datasheet
2Mb / 33P
[Old version datasheet]   LP5912-Q1 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5900 TI1-LP5900 Datasheet
1Mb / 30P
[Old version datasheet]   LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5910 TI1-LP5910 Datasheet
1Mb / 29P
[Old version datasheet]   LP5910 300-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
logo
National Semiconductor ...
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
   Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
[Old version datasheet]   Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904_16 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
[Old version datasheet]   LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5907_15 TI-LP5907_15_15 Datasheet
1Mb / 36P
[Old version datasheet]   LP5907 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com