Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5910-1.8YKAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910-1.8YKAR
Description  LP5910 300-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910-1.8YKAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5910-1.8YKAR Datasheet HTML 2Page - Texas Instruments LP5910-1.8YKAR Datasheet HTML 3Page - Texas Instruments LP5910-1.8YKAR Datasheet HTML 4Page - Texas Instruments LP5910-1.8YKAR Datasheet HTML 5Page - Texas Instruments LP5910-1.8YKAR Datasheet HTML 6Page - Texas Instruments LP5910-1.8YKAR Datasheet HTML 7Page - Texas Instruments LP5910-1.8YKAR Datasheet HTML 8Page - Texas Instruments LP5910-1.8YKAR Datasheet HTML 9Page - Texas Instruments LP5910-1.8YKAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
LP5910
SNVSA91C – SEPTEMBER 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified, VIN = VOUT(NOM) + 0.5 V, VEN = 1 V, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF.
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(10) There is a 1-MΩ resistor between EN and ground on the device.
LOGIC INPUT THRESHOLDS
VIL
EN low threshold (Off)
VIN = 1.3 V to 3.3 V
0.3
V
VIH
EN high threshold (On)
1
IEN
EN pin current(10)
VEN = 3.3 V, VIN = 3.3 V
3.3
µA
VEN = 0 V, VIN = 3.3 V
0.001
TRANSIENT CHARACTERISTICS (10)
ΔVOUT
Line transient(9)
VIN = (VOUT(NOM) + 0.5 V) to (VOUT(NOM) + 1 V)
in 30 µs
IOUT = 1 mA
0
1
mV
VIN = (VOUT(NOM) + 1 V) to (VOUT(NOM) + 0.5 V)
in 30 µs
IOUT = 1 mA
–1
0
Load transient(9)
IOUT = 1 mA to 100 mA in 10 µs
–45
mV
IOUT = 100 mA to 1 mA in 10 µs
45
Overshoot on start-up(9)
5%
tON
Turnon time
From VEN > VIH to VOUT = 95% of VOUT(NOM)
80
200
µs
OUTPUT DISCHARGE
RAD
Output discharge pulldown
resistance
VEN = 0 V, VIN = 2.3 V
160
Ω


Similar Part No. - LP5910-1.8YKAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910-1.8YKAR TI1-LP5910-1.8YKAR Datasheet
1Mb / 29P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910-1.8YKAR TI1-LP5910-1.8YKAR Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910-1.8YKAR TI1-LP5910-1.8YKAR Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910-1.8YKAR TI1-LP5910-1.8YKAR Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910-1.8YKAR TI-LP5910-1.8YKAR Datasheet
2Mb / 31P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5910-1.8YKAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
[Old version datasheet]   LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5910_15 TI-LP5910_15_15 Datasheet
451Kb / 25P
[Old version datasheet]   LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5900 TI1-LP5900 Datasheet
1Mb / 30P
[Old version datasheet]   LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5912 TI1-LP5912 Datasheet
2Mb / 33P
[Old version datasheet]   LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5912-Q1 TI1-LP5912-Q1 Datasheet
2Mb / 33P
[Old version datasheet]   LP5912-Q1 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
logo
National Semiconductor ...
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
   Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
[Old version datasheet]   Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904_16 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com