Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2D Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # S2D
Description  SURFACE MOUNT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

S2D Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  S2D Datasheet HTML 1Page - Diode Semiconductor Korea S2D Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
100
10
0.01
0.1
10
1
100
TJ=25 C
f=1.0MHZ
Vsig=50mVp-p
0
Pulse Width=300 S
1%DUTY CYCLE
0.4
0.1
1
10
0.6
0.8
1.0.
1.2
1.4
1.6
1.8
2.0
100
0.01
TJ=25 C
O
0
20
40
60
80
100
1
10
100
0.01
0.001
0.1
TJ=125 C
TJ=75 C
TJ=25 C
O
O
O
O
1
10
100
110
100
TL=110 C
8.3ms Single Half Sine Wave
(JEDEC Method)
S2(A-J)
S2(K,M)
1.0
0
50
Resistive or inductive
Load
2.0
60
70
80
90
100 110 120 130 140 150
60Hz Resistive or
Inductive load
P.C.B.MOUNTED
0.27''X0.27''(7.0X7.0mm)
THICK COPPERPAND AREAS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 PEAK FORWARD SURGE CURRENT
REVERSE VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
S2A---S2M
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
AMBIENT TEMPERATURE
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - S2D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2D PANJIT-S2D Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
S2D CHONGQING-S2D Datasheet
177Kb / 1P
   1.5AMPS. SURFACE MOUNT RECTIFIERS
logo
Jinan Jingheng (Group) ...
S2D JINANJINGHENG-S2D Datasheet
83Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Micro Commercial Compon...
S2D MCC-S2D Datasheet
619Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Nantong Hornby Electron...
S2D HORNBY-S2D Datasheet
342Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - S2D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com