Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS95V857 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS95V857
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V857 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS95V857 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 9Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 10Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 11Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 12Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
ICS95V857-XXX
0674Q—08/03/04
Ordering Information
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
a
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
6.10 mm. Body, 0.50 mm. pitch TSSOP
(240 mil)
(0.020 mil)
MIN
MAX
MIN
MAX
A--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b0.17
0.27
.007
.011
c
0.09
0.20
.0035
.008
D
E
E1
6.00
6.20
.236
.244
e
L0.45
0.75
.018
.030
N
a0°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
48
12.40
12.60
.488
.496
10-0039
N
D mm.
D (inch)
Ref erence Doc.: JEDEC Publicat ion 95, M O-153
0.50 BASIC
0.020 BASIC
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
8.10 BASIC
0.319 BASIC
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS COMMON DIMENSIONS
Example:
ICS95V857AGLF-T, ICS95V857AG-130LF-T
Designation for tape and reel packaging
Lead Free (Optional)
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y G LF- T


Similar Part No. - ICS95V857

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS95V857 IDT-ICS95V857 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
logo
Integrated Circuit Syst...
ICS95V857CGLF-T ICST-ICS95V857CGLF-T Datasheet
136Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
More results

Similar Description - ICS95V857

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857_09 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
95V857 RENESAS-95V857 Datasheet
2Mb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
logo
Integrated Device Techn...
ICS95V857 IDT-ICS95V857 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Integrated Circuit Syst...
ICS95V847 ICST-ICS95V847 Datasheet
85Kb / 9P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V847 RENESAS-ICS95V847 Datasheet
271Kb / 10P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95VLP857 RENESAS-ICS95VLP857 Datasheet
293Kb / 14P
   2.5V Low Power Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS93V857 ICST-ICS93V857 Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com