Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV379IDCKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV379IDCKR
Description  Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV379IDCKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV379IDCKR Datasheet HTML 2Page - Texas Instruments TLV379IDCKR Datasheet HTML 3Page - Texas Instruments TLV379IDCKR Datasheet HTML 4Page - Texas Instruments TLV379IDCKR Datasheet HTML 5Page - Texas Instruments TLV379IDCKR Datasheet HTML 6Page - Texas Instruments TLV379IDCKR Datasheet HTML 7Page - Texas Instruments TLV379IDCKR Datasheet HTML 8Page - Texas Instruments TLV379IDCKR Datasheet HTML 9Page - Texas Instruments TLV379IDCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
TLV379, TLV2379, TLV4379
SBOS785 – APRIL 2016
www.ti.com
Product Folder Links: TLV379 TLV2379 TLV4379
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails must be
current-limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply, VS = (V+) – (V–)
7
V
Signal input pin(2)
(V–) – 0.5
(V+) + 0.5
Current
Signal input pin(2)
±10
mA
Output short-circuit(3)
Continuous
Temperature
Operating, TA
–40
125
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage
Single supply
1.8
5.5
V
Dual supply
±0.9
±2.75
TA
Operating temperature
–40
125
°C


Similar Part No. - TLV379IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results

Similar Description - TLV379IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com